Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 42Page - Exar Corporation XRT72L13 Datasheet HTML 43Page - Exar Corporation XRT72L13 Datasheet HTML 44Page - Exar Corporation XRT72L13 Datasheet HTML 45Page - Exar Corporation XRT72L13 Datasheet HTML 46Page - Exar Corporation XRT72L13 Datasheet HTML 47Page - Exar Corporation XRT72L13 Datasheet HTML 48Page - Exar Corporation XRT72L13 Datasheet HTML 49Page - Exar Corporation XRT72L13 Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
34
190
RxPOS
I
Receive Positive Data Input:
The exact role of this input pin depends upon whether the Framer is
operating in the Unipolar or Bipolar Mode.
Unipolar Mode:
This input pin functions as the "Single-Rail" input for the "incoming"
DS3 data stream. The signal at this input pin will be sampled and
latched (into the Receive Framer block) on the "user-selected" edge
of the RxLineClk signal.
Bipolar Mode:
This input functions as one of the dual rail inputs for the incoming
AMI/B3ZS encoded DS3 data that has been received from an exter-
nal Line Interface Unit (LIU) IC. RxNEG functions as the other dual
rail input for the Framer. When this input pin is asserted, it means that
the LIU has received a "positive polarity" pulse from the line.
191
RxNEG
I
Receive Negative Data Input:
The exact role of this input pin depends upon whether the Framer is
operating in the Unipolar or Bipolar Mode.
Unipolar Mode:
This input pin is inactive, and should be pulled ("low" or "high") when
the Framer is operating in the Unipolar Mode.
Bipolar Mode:
This input pin functions as one of the dual rail inputs for the incoming
AMI/B3ZS encoded DS3 data that has been received from an exter-
nal Line Interface Unit (LIU) IC. RxPOS functions as the other dual
rail input for the Framer. When this input pin is asserted, it means that
the LIU has received a "negative polarity" pulse from the line.
192
RxOH
O
Receive Overhead Output Port:
All overhead bits, which are received via the "Receive Section" of the
Framer IC; will be output via this output pin, upon the rising edge of
RxOHClk.
193
RxOHEnable
O
Receive Overhead Enable Indicator:
The XRT72L13 will assert this output signal for one “RxOutClk” period
when it is safe for the Terminal Equipment to sample the data on the
“RxOH” output pin.
194
RxOHClk
O
Receive Overhead Clock:
The XRT72L13 will output the Overhead bits (within the incoming DS3
frames), via the "RxOH" output pin, upon the falling edge of this clock
signal.
As a consequence, the "user's data link equipment" should use the
rising edge of this clock signal to sample the data on both the "RxOH"
and "RxOHFrame" output pins.
NOTE: This clock signal is always active.
195
RxOHFrame
O
Receive Overhead Frame Boundary Indicator:
This output pin pulses "high" whenever the Receive Overhead Data
Output Interface outputs the first overhead bit (or nibble) of a new DS3
frame.
196
RxLOS
O
Receive Section - Loss of Signal Output Indicator:
This pin is asserted when the Receive Section encounters a string of
180 consecutive 0's via the RxPOS and RxNEG pins.
This pin will be negated once the Receive Section has detected at
least 60 pulses within 180 bit-periods.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com