Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 93 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 93 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 89Page - Exar Corporation XRT72L13 Datasheet HTML 90Page - Exar Corporation XRT72L13 Datasheet HTML 91Page - Exar Corporation XRT72L13 Datasheet HTML 92Page - Exar Corporation XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
81
0x2A
M12 Loop-back Register - 3
R/W
0x00
0x2B
M12 Loop-back Register - 4
R/W
0x00
0x2C
M12 Loop-back Register - 5
R/W
0x00
0x2D
M12 Loop-back Register - 6
R/W
0x00
0x2E
M12 Loop-back Register - 7
R/W
0x00
0x2F
Reserved
0x30
TxDS3 Configuration Register
R/W
0x07
0x31
TxDS3 FEAC Configuration & Status Register
R/W & R/O & RUR
0x00
0x32
TxDS3 FEAC Register
R/W
0xFF
0x33
Tx LAPD Configuration Register
R/W & R/O
0x08
0x34
TxDS3 LAPD Status and Interrupt Register
R/W & R/O & RUR
0x00
0x35
TxDS3 M-Bit Mask Register
R/W
0x00
0x36
TxDS3 F-Bit Mask Register - 1
R/W
0x00
0x37
TxDS3 F-Bit Mask Register - 2
R/W
0x00
0x38
TxDS3 F-Bit Mask Register - 3
R/W
0x00
0x39
TxDS3 F-Bit Mask Register - 4
R/W
0x00
0x3A
DS2 Framer Configuration Register -1
R/W
0x00
0x3B
DS2 Framer Configuration Register - 2
R/W
0x00
0x3C
DS2 Framer Configuration Register - 3
R/W
0x00
0x3D
DS2 Framer Configuration Register - 4
R/W
0x00
0x3E
DS2 Framer Configuration Register - 5
R/W
0x00
0x3F
DS2 Framer Configuration Register - 6
R/W
0x00
0x40
DS2 Framer Configuration Register - 7
R/W
0x00
0x41 - 0x4F Reserved
0x50
PMON LCV Count Register - MSB
RUR
0x00
0x51
PMON LCV Count Register - LSB
RUR
0x00
0x52
PMON Framing Bit Error Count Register - MSB
RUR
0x00
0x53
PMON Framing Bit Error Count Register - LSB
RUR
0x00
0x54
PMON P-Bit Error Count Register - MSB
RUR
0x00
0x55
PMON P-Bit Error Count Register - LSB
RUR
0x00
0x56
PMON FEBE Event Count Register - MSB
RUR
0x00
0x57
PMON FEBE Event Count Register - LSB
RUR
0x00
0x58
PMON CP-Bit Error Count Register - MSB
RUR
0x00
0x59
PMON CP-Bit Error Count Register - LSB
RUR
0x00
0x5A
PMON DS2 Framing Bit Error Count Register - 1
RUR
0x00
0x5B
PMON DS2 Framing Bit Error Count Register - 2
RUR
0x00
0x5C
PMON DS2 Framing Bit Error Count Register - 3
RUR
0x00
0x5D
PMON DS2 Framing Bit Error Count Register - 4
RUR
0x00
0x5E
PMON DS2 Framing Bit Error Count Register - 5
RUR
0x00
0x5F
PMON DS2 Framing Bit Error Count Register - 6
RUR
0x00
0x60
PMON DS2 Framing Bit Error Count Register - 7
RUR
0x00
TABLE 4: REGISTER ADDRESS MAP
ADDRESS
REGISTER NAME
TYPE
DEFAULT VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com