Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 68Page - Exar Corporation XRT72L13 Datasheet HTML 69Page - Exar Corporation XRT72L13 Datasheet HTML 70Page - Exar Corporation XRT72L13 Datasheet HTML 71Page - Exar Corporation XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
60
Figure 30 indicates that when the XRT72L13 has
been configured to operate in the "Clear Channel
DS3 Framer Local Loop-back" Mode, then the follow-
ing internal connections are made.
• The TxPOS output signal is routed into the RxPOS
input pin.
• The TxNEG output signal is routed into the RxNEG
input pin
• The TxLineClk output clock signal is routed into the
RxLineClk input pin.
1.2.1.1.2
Remote Loop-back Mode
Figure 31 presents an illustration of the XRT72L13
M13 Multiplexer/Framer IC operating in the "Clear
Channel DS3 Framer Remote Loop-back" Mode.
FIGURE 30. ILLUSTRATION OF THE XRT72L13 M13 MULTIPLEXER/FRAMER OPERATING IN THE "CLEAR CHANNEL
DS3 FRAMER LOCAL LOOP-BACK" MODE
Transmit Payload
Data Input
Interface Block
Transmit DS3
Framer Block
Transmit
LIU
Interface
Block
Receive LIU
Interface
Block
Receive DS3
Framer Block
Receive Payload
Data Output
Interface Block
Microprocessor
Interface
TxSer
TxNib[3:0]
TxInClk
MOTO
D[7:0]
A[8:0]
IntB*
CSB*
RdB_DS
WrB_RW
Rdy_Dtck
Reset*
ALE_AS
RxSer
RxNib[3:0]
RxOutClk
TxPOS
TxNEG
TxLineClk
RxPOS
RxNEG
RxLineClk
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
Transmit Overhead
Input
Interface Block
Receive Overhead
Output
Interface Block
TxOHClk
TxOHIns
TxOHInd
TxOH
TxOHEnable
TxOHFrame
TxNibClk
TxFrame
RxNibClk
RxFrame
RxOHFrame
RxOH
RxOHClk
RxOHEnable
RxOHInd
Local
Loop-back
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com