Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 85 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 85 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation XRT72L13 Datasheet HTML 89Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
73
terminates the "Read" cycle by toggling the
RdB_DS (Read Strobe) input pin "high".
For subsequent read operations, within this burst cy-
cle, the µC/µP simply repeats steps 1 through 3, as il-
lustrated in Figure 39.
In addition to the behavior of the Microprocessor In-
terface signals, Figure 39 also illustrates other points
regarding the "Burst Access Operation".
a. The Framer internally increments the address
value, from the original "latched" value shown in
Figure 38. This is illustrated by the data, appear-
ing on the data bus, (for the first read access)
being labeled "Valid Data at Offset = 0x01"; and
that for the second read access being labeled
"Valid Data at Offset = 0x02.".
b. The Framer performs this "address incrementing"
process even though there are no changes in the
Address Bus Data, A[8:0].
2.2.2.2.1.1.3
Terminating the Burst Access
Operation
The Burst Access Operation will be terminated upon
the rising edge of the ALE_AS input signal. At this
point the Framer will cease to internally increment the
"latched" address value. Further, the µC/µP is now
free to execute either a "Programmed I/O" access or
to start another "Burst Access" Operation with the
XRT 72L13 DS3 Framer.
2.2.2.2.1.2
The "Intel-Mode" Write Burst
Access
Whenever an "Intel-type" µC/µP wishes to write data
into a "contiguous" range of addresses, then it should
do the following.
a. Perform the initial "write" operation; of the burst
access.
b. Perform the remaining "write" operations, of the
burst access.
c. Terminate the burst access operation.
Each of these "operations" within the burst access
are described below.
2.2.2.2.1.2.1
The Initial Write Operation
The initial write operation of an "Intel-type" Write
Burst Access is accomplished by executing a "Pro-
grammed I/O" write cycle as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Write cycle, as described in Steps A.1
through A.7 below.
A.1
Place the address of the "initial" target register
(or buffer location) within the Framer, on the
Address Bus pins, A[8:0].
A.2
A.2 At the same time, the "Address-Decoding"
circuitry (within the user's system) should
assert the CS* (Chip Select) input pin of the
Framer, by toggling it "low". This step enables
further communication between the µC/µP and
the Framer Microprocessor Interface block.
A.3
Assert the ALE_AS (Address Latch Enable)
input pin "high". This step enables the Address
Bus input drivers, within the Microprocessor
Interface Block of the Framer.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time); the µC/µP should then toggle the
ALE_AS input pin "low". This step latches the
FIGURE 39. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT "READ" OPERA-
TIONS WITHIN THE
BURST I/O CYCLE
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid Data at Offset =0x01
WRB_RW
Not Valid
Valid Data at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com