Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 66Page - Exar Corporation XRT72L13 Datasheet HTML 67Page - Exar Corporation XRT72L13 Datasheet HTML 68Page - Exar Corporation XRT72L13 Datasheet HTML 69Page - Exar Corporation XRT72L13 Datasheet HTML 70Page - Exar Corporation XRT72L13 Datasheet HTML 71Page - Exar Corporation XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
58
As Figure 28 indicates, a given DS2 or ITU-T G.747
line can be commanded into the "DS2/ITU-T G.747
Tributary Loop-Back" Mode. When this happens,
then a selected DS2 or ITU-T G.747 data stream (in
the Receive Path) is looped back into the Transmit
Path. It is important to note that the corresponding
DS2 or ITU-T G.747 clock signal is also looped back
into the Transmit Path.
1.2
XRT72L13 OPERATION WHILE IN THE
"CLEAR CHANNEL DS3 FRAMER MODE"
Figure 29 presents a functional block diagram of the
XRT72L13 when it has been configured to operate in
the "Clear Channel DS3 Framer Mode".
FIGURE 28. ILLUSTRATION OF THE XRT72L13 OPERATING IN THE "DS2/ITU-T G.747 TRIBUTARY LOOP-BACK
MODE
Clear Channel
DS3 Framer
Clear Channel
DS3 Framer
Microprocessor
Interface
Microprocessor
Interface
M12
MUX
M12
DEMUX
M23
MUX
M23
DEMUX
TxDS1[0: 27]
TxClk[0:27]
RxDS1[0: 27]
RxClk[0:27]
RxPOS
RxNEG
TxPOS
TxNEG
RxLineClk
TxLineClk
32/64 Bit
De-Jitter
FIFO
DS2/G.747 Loop-Back Path
(Data and Clock are both Looped
Back)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com