Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 97 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 97 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
85
Setting this bit-field to “0” configures the XRT72L13 to
operate in the “Dual-Rail” Mode. In this mode, the
“Transmit Section” of the XRT72L13 M13 device will
output data to the LIU via the “TxPOS” and “TxNEG”
output pins. Additionally, the “Receive Section” of the
device will receive data from the LIU via “RxPOS” and
“RxNEG” input pins.
Setting this bit-field to “1” configures the XRT72L13 to
operate in the “Single-Rail” Mode. In this mode, the
“Transmit Section” of the XRT72L13 M13 device will
output data to the LIU, in a binary data stream man-
ner via the “TxPOS” output pin. Additionally, the “Re-
ceive Section” of the device will receive data from the
LIU, in a binary data stream manner, via the RxPOS
input pin.
Bit 2 - TxClkInv
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 device to output data, via the
“TxPOS” and “TxNEG” output pins, upon the “rising”
or “falling” edge of “TxLineClk”.
Setting this bit-field to “0” configures the XRT72L13
M13 device to output data via the “TxPOS” and “Tx-
NEG” output pins, on the “rising” edge of “TxLineClk”.
Setting this bit-field to “1” configures the XRT72L13
M13 device to output data via the “TxPOS” and “Tx-
NEG” output pins, on the “falling” edge of “TxLineClk”.
Bit 1 - RxClkInv
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 device to latch data on the
“RxPOS” and “RxNEG” input pins input pins, into the
XRT72L13 M13 device, on the “rising” or “falling”
edge of “RxLineClk”.
Setting this bit-field to “0” configures the XRT72L13
M13 device to latch the data on the “RxPOS” and
“RxNEG” input pins, into the device, on the “rising”
edge of “RxLineClk”.
Setting this bit-field to “1” configures the XRT72L13
M13 device to latch the data on the “RxPOS” and
“RxNEG” input pins, into the device, on the “falling”
edge of “RxLineClk”.
Bit 0 - Reframe
This “Read/Write” bit-field permits the user to config-
ure the “Receive Section” of the XRT72L13 M13 de-
vice to start a new frame search. A “0” to “1” transi-
tion in this bit-field will force the chip to start a new
frame search.
2.3.2.4
Part Number Register
The Part Number Register (within the XRT72L13 M13
device) contains the fixed value of “0x22”. This part
number value permits the user to read out the con-
tents of this register and to uniquely identify this de-
vice as the “XRT72L13 M13” device.
2.3.2.5
Version Number Register
The “Version Number” register (within the XRT72L13
M13 device) contains a value which corresponds to
the “Revision Number”. The very first Revision of the
XRT72L13 (Revision A) will contain the fixed value
“0x01”. The contents of the “Version Number” regis-
ter will be incremented for subsequent version (if
needed).
PART NUMBER REGISTER (ADDRESS = 0X02)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Part Number Value
RO
RO
RO
RO
RO
RO
RO
RO
00100010
VERSION NUMBER REGISTER (ADDRESS = 0X03)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Version Number Value
RO
RO
RO
RO
RO
RO
RO
RO
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com