Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 95 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 95 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 91Page - Exar Corporation XRT72L13 Datasheet HTML 92Page - Exar Corporation XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
83
2.3.2.2
Operating Mode Register
Bit 7 - Local Loop-back Mode
This bit-field permits the user to configure the
XRT72L13 M13 device to operate in the “Local Loop-
back” Mode.
Setting this bit-field to “1” configures the XRT72L13
M13 chip to operate in the “Local Loopback” Mode.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to not operate in the “Local Loopback”
Mode.
Bit 6 - Line Loopback Mode
This bit-field permits the user to configure the
XRT72L13 M13 device to operate in the “Line Loop-
back” Mode.
Setting this bit-field to “1” configures the XRT72L13
M13 chip to operate in the “Line Loopback” Mode.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to not operate in the “Line Loopback” Mode.
Bit 5 - Internal LOS Enable
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 chip to either declare an LOS
(Loss of Signal) condition, based upon the “Internal
Circuit’s” criteria or not.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to NOT declare an LOS condition, based
upon its own internal criteria.
0xA5
DS2 Framer Interrupt Register - 2
RUR
0x00
0xA6
DS2 Framer Interrupt Status Register - 2
R/O
0x00
0xA7
DS2 Framer Interrupt Enable Register - 3
R/W
0x00
0xA8
DS2 Framer Interrupt Register - 3
RUR
0x00
0xA9
DS2 Framer Interrupt Status Register - 3
R/O
0x00
0xAA
DS2 Framer Interrupt Enable Register - 4
R/W
0x00
0xAB
DS2 Framer Interrupt Register - 4
RUR
0x00
0xAC
DS2 Framer Interrupt Status Register - 4
R/O
0x00
0xAD
DS2 Framer Interrupt Enable Register - 5
R/W
0x00
0xAE
DS2 Framer Interrupt Register - 5
RUR
0x00
0xAF
DS2 Framer Interrupt Status Register - 5
R/O
0x00
0xB0
DS2 Framer Interrupt Enable Register - 6
R/W
0x00
0xB1
DS2 Framer Interrupt Register - 6
RUR
0x00
0xB2
DS2 Framer Interrupt Status Register - 6
R/O
0x00
0xB3
DS2 Framer Interrupt Enable Register - 7
R/W
0x00
0xB4
DS2 Framer Interrupt Register - 7
RUR
0x00
0xB5
DS2 Framer Interrupt Status Register - 7
R/O
0x00
0xB6 - 0xFF Reserved
0x100 -
0x157
Transmit LAPD Message Buffer (PMDL Messages)
R/W
0x158
Receive LAPD Message Buffer (PMDL Messages)
R/O
TABLE 4: REGISTER ADDRESS MAP
ADDRESS
REGISTER NAME
TYPE
DEFAULT VALUE
OPERATING MODE REGISTER (ADDRESS = 0X00)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Local Loop-
back Mode
Line Loop-
back Mode
Internal LOS
Enable
RESET
Interrupt
Enable
RESET
Frame Format
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0101
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com