Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 34 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 34 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 30Page - Exar Corporation XRT72L13 Datasheet HTML 31Page - Exar Corporation XRT72L13 Datasheet HTML 32Page - Exar Corporation XRT72L13 Datasheet HTML 33Page - Exar Corporation XRT72L13 Datasheet HTML 34Page - Exar Corporation XRT72L13 Datasheet HTML 35Page - Exar Corporation XRT72L13 Datasheet HTML 36Page - Exar Corporation XRT72L13 Datasheet HTML 37Page - Exar Corporation XRT72L13 Datasheet HTML 38Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
22
124
TxDS1Clk_13
I
Transmit DS1/E1 Clock Input - Channel 13:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_13" input pin.
125
TxDS1Data_12
I
Transmit DS1/E1 Data Input - Channel 12:
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_12 signal.
126
TxDS1Clk_12
I
Transmit DS1/E1 Clock Input - Channel 12:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_12" input pin.
127
TxDS1Data_11
I
Transmit DS1 Data Input - Channel 11:
This input pin accepts a DS1 signal from the Terminal Equipment.
This input pin is sampled upon the "falling edge" of the TxDS1Clk_11
signal.
NOTES:
1. This input pin is inactive if the corresponding M12 MUX is
multiplexing 3 E1's into an ITU-T G.747 data stream.
2. This input pin accepts DS2 data if M12 MUX # 3 is bypassed.
128
GND
****
Ground Pin
129
TxDS1Clk_11
I
Transmit DS1 Clock Input - Channel 11:
This input pin accepts a DS1 (1.544MHz) clock signal from the Termi-
nal Equipment. The falling edge of this signal is used to sample the
data at the "TxDS1Data_11" input pin.
NOTES:
1. This input pin is inactive if the corresponding M12 MUX is
multiplexing 3 E1's into an ITU-T G.747 data stream.
2. This input pin accepts a DS2 rate clock signal (6.312MHz)
if M12 MUX # 3 is bypassed.
130
TxDS1Data_10
I
Transmit DS1/E1 Data Input - Channel 10:
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_10 signal.
131
TxDS1Clk_10
I
Transmit DS1/E1 Clock Input - Channel 10:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_10" input pin.
132
TxDS1Data_9
I
Transmit DS1/E1 Data Input - Channel 9:
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_9 signal.
133
TxDS1Clk_9
I
Transmit DS1/E1 Clock Input - Channel 9:
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_9" input pin.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com