Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 17 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 13Page - Exar Corporation XRT72L13 Datasheet HTML 14Page - Exar Corporation XRT72L13 Datasheet HTML 15Page - Exar Corporation XRT72L13 Datasheet HTML 16Page - Exar Corporation XRT72L13 Datasheet HTML 17Page - Exar Corporation XRT72L13 Datasheet HTML 18Page - Exar Corporation XRT72L13 Datasheet HTML 19Page - Exar Corporation XRT72L13 Datasheet HTML 20Page - Exar Corporation XRT72L13 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
5
19
RxDS1Clk_18
O
Receive DS1/E1 Clock Output - Channel 18:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_18" line, upon the rising edge of this signal.
20
RxDS1Data_17
O
Receive DS1/E1 Data Output - Channel 17:
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_17.
21
RxDS1Clk_17
O
Receive DS1/E1 Clock Output - Channel 17:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_17" line, upon the rising edge of this signal.
22
RxDS1Data_16
O
Receive DS1/E1 Data Output - Channel 16:
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_16.
23
RxDS1Clk_16
O
Receive DS1/E1 Clock Output - Channel 16:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_16" line, upon the rising edge of this signal.
24
RxDS1Data_15
O
Receive DS1 Data Output - Channel 15:
This pin outputs a DS1 signal from the M12 multiplexer. Each bit,
within the DS1 data stream is output upon the rising edge of
RxDS1Clk_15.
NOTES:
1. This output pin is inactive if the corresponding M12 DEMUX is
de-multiplexing an ITU-T G.747 data stream.
2. This pin will output the contents of DS2 channel # 4, if M12
MUX # 4 is bypassed.
25
TCK
Boundary Scan Pin
26
TMS
Boundary Scan Pin
27
TDI
Boundary Scan Pin
28
TDO
Boundary Scan Pin
29
GND
****
Ground Pin
30
RxDS1Clk_15
O
Receive DS1 Clock Output - Channel 15:
This pin outputs a DS1 (1.544MHz) clock signal to the Terminal
Equipment. The XRT72L13 will update the data on the
"RxDS1Data_15" line, upon the rising edge of this signal.
NOTES:
1. This output pin is inactive if the corresponding M12 DEMUX is
de-multiplexing an ITU-T G.747 data stream.
2. This pin will output a DS2 rate clock signal (6.312MHz) if M12
# 4 is bypassed.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com