Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 88 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 88 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation XRT72L13 Datasheet HTML 89Page - Exar Corporation XRT72L13 Datasheet HTML 90Page - Exar Corporation XRT72L13 Datasheet HTML 91Page - Exar Corporation XRT72L13 Datasheet HTML 92Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
76
by toggling it "low". This action enables further
communication between the µC/µP and the
Framer Microprocessor Interface block.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time), the µC/µP should toggle the
ALE_AS input pin "high". This step causes the
Framer device to latch the contents of the
Address Bus into its internal circuitry. At this
point, the "initial" address of the burst access
has now been selected.
A.5
Further, the µC/µP should indicate that this
cycle is a "Read" cycle by setting the WRB_RW
(R/W*) input pin "high".
A.6
Next the µC/µP should initiate the current bus
cycle by toggling the RdB_DS (Data Strobe)
input pin "low". This step will enable the bi-
directional data bus output drivers, within the
XRT 72L13 DS3 Framer. At this point, the bi-
directional data bus output drivers will proceed
to driver the contents of the "Address" register
onto the bi-directional data bus.
A.7
After some settling time, the data on the bi-
directional data bus will stabilize and can be
read by the µC/µP. The XRT 72L13 DS3
Framer will indicate that this data can be read
by asserting the Rdy_Dtck (DTACK) signal.
A.8
After the µC/µP detects the Rdy_Dtck signal
(from the XRT 72L13 DS3 Framer) it will termi-
nate the Read Cycle by toggling the "RdB_DS"
(Data Strobe) input pin "high".
Figure 42 presents an illustration of the behavior of
the Microprocessor Interface Signals during the "ini-
tial" Read Operation, within a Burst I/O Cycle; for a
Motorola-type µC/µP.
At the completion of this initial read cycle, the µC/µP
has read in the contents of the first register or buffer
location (within the XRT 72L13 DS3 Framer) for this
particular burst access operation. In order to illus-
trate how this "burst I/O cycle" works, the byte (or
word) of data, that is being read in Figure 42 has
been labeled "Valid Data at Offset = 0x00". This indi-
cates that the µC/µP is reading the very first register
(or buffer location) in this burst access.
2.2.2.2.2.1.2
The Subsequent Read Operations
The procedure that the µC/µP must use to perform
the remaining read cycles, within this Burst Access
operation, is presented below.
B.0
Execute each subsequent Read Cycle, as
described in steps B.1 through B.3, below.
B.1
Without toggling the ALE_AS input pin (e.g.,
keeping it "high"); toggle the RdB_DS (Data
Strobe) input pin "low". This step accomplishes
the following.
a. The Framer internally increments the "latched
address" value (within the Microprocessor Inter-
face circuitry).
b. The output drivers of the "bi-directional" data bus
(D[7:0]) are enabled. At some time later, the reg-
ister or buffer location corresponding to the
"incremented" latched address value will be
driven onto the bi-directional data bus.
NOTE: In order to insure that the XRT 72L13 DS3 Framer
will interpret this signal as being a "Read" signal, the
µC/
µP should keep the WRB_RW input pin "High".
FIGURE 42. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE "INITIAL" READ OPERATION
OF A
BURST CYCLE (MOTOROLA TYPE PROCESSOR)
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid Data at Offset = 0x00
Address of “Initial” Target Register (Offset = 0x00)
WRB_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com