Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 78 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 78 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
66
and the other register is labeled "LSB" (or Least Sig-
nificant Byte). When an "8-bit" PMON Register is
concatenated with its "companion 8-bit" PMON Reg-
ister, one obtains the "full 16-bit expression" within
that PMON Register.
The consequence of having these 16-bit registers is
that an "8-bit" µC/µP will have to perform two consec-
utive read operations in order to read in the full 16-bit
expression contained within a given PMON register.
To complicate matters, these PMON Registers are
"Reset-Upon-Read" registers. More specifically,
these PMON Register are "Reset-Upon-Read" in the
sense that, the entire "16-bit" contents, within a given
PMON Register is reset, as soon as an "8-bit" µC/µP
reads in either "byte" of this "two-byte" (e.g., 16 bit)
expression.
For example;
Consider that an "8-bit" µC/µP needs to read in the
"PMON LCV Event Count" Register. In order to ac-
complish this task, the 8-bit µC/µP is going to have to
read in the contents of "PMON LCV Event Count
Register - MSB" (located at Address = 0x40) and the
contents of the "PMON LCV Event Count Register -
LSB (located at Address = 0x41). These two "eight-
bit" registers, when concatenated together, make up
the "PMON LCV Event Count" Register.
If the 8-bit µC/µP reads in the "PMON LCV Event
Count-LSB" register first; then the entire "PMON LCV
Event Count" register will be reset to 0x0000. As a
consequence, if the 8-bit µC/µP attempts to read in
the "PMON LCV Event Count-MSB" register in the
very next read cycle, it will read in the value 0x00.
The PMON Holding Register
In order to "get-around" this "Reset-Upon-Read"
problem, the XRT 72L13 DS3 Framer includes a spe-
cial register, which permits "8-bit" µC/µP to read in
the full 16-bit contents of these PMON registers. This
special register is called the "PMON Holding" Regis-
ter; and is located at 0x56 within the Framer Address
space.
The way the PMON Holding register works is as fol-
lows. Whenever an "8-bit" µC/µP reads in one of the
bytes (of the "2-byte" PMON register); the contents of
the "unread" (e.g., other) byte will be stored in the
PMON Holding Register. Therefore, the "8-bit" µC/µP
must then read in the contents of the PMON Holding
Register in the very next read operation.
In Summary: Whenever an "8-bit" µC/µP needs to
read a PMON Register, it must execute the follow-
ing steps.
Step 1: Read in the contents of a given "8-bit" PMON
Register (it does not matter whether the µC/µP reads
in the "-MSB" or the "-LSB" register).
Step 2: Read in the contents of the "PMON Holding"
Register (located at Address = 0x56). This register
will contain the contents of the "other" byte.
2.2.2
Data Access Modes
As mentioned earlier, the Microprocessor Interface
block supports data transfer between the Framer and
the µC/µP (e.g., "Read" and "Write" operations) via
two modes: the "Programmed I/O" and the "Burst"
Modes. Each of these "Data Access" Modes are dis-
cussed in detail below.
2.2.2.1
Data Access using Programmed I/O
"Programmed I/O" is the conventional manner in
which a microprocessor exchanges data with a pe-
ripheral device. However, it is also the slowest meth-
od of data exchange between the Framer and the µC/
µP; as will be described in this text.
The next two sections present detailed information on
Programmed I/O Access, when the XRT 72L13 DS3
Framer is operating in the "Intel Mode" and in the
"Motorola Mode".
2.2.2.1.1
Programmed I/O Access in the "Intel"
Mode
If the XRT 72L13 DS3 Framer is interfaced to an "In-
tel-type" µC/µP (e.g., the 80x86 family, etc.), then it
should be configured to operate in the "Intel" mode
(by tying the "MOTO" pin to ground). Intel-type
"Read" and "Write" operations are described below.
2.2.2.1.1.1
The Intel Mode Read Cycle
Whenever an Intel-type µC/µP wishes to read the
contents of a register or some location within the Re-
ceive LAPD Message buffer or the Receive OAM Cell
Buffer, (within the Framer device), it should do the fol-
lowing.
1. Place the address of the "target" register or buffer
location (within the Framer) on the Address Bus
input pins A[8:0].
2. While the µC/µP is placing this address value on
the Address Bus, the Address Decoding circuitry
(within the user's system) should assert the CS*
(Chip Select) pin of the Framer, by toggling it
"low". This action enables further communication
between the µC/µP and the Framer Microproces-
sor Interface block.
3. Toggle the ALE_AS (Address Latch Enable) input
pin "high". This step enables the "Address Bus"
input drivers, within the Microprocessor Interface
block of the Framer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com