Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 79 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 79 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
67
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address"
Data Setup time"), the µC/µP should toggle the
ALE_AS pin "low". This step causes the Framer
device to "latch" the contents of the "Address
Bus" into its internal circuitry. At this point, the
address of the register or buffer locations (within
the Framer), has now been selected.
5. Next, the µC/µP should indicates that this current
bus cycle is a "Read" Operation by toggling the
RdB_DS (Read Strobe) input pin "low". This
action also enables the bi-directional data bus
output drivers of the Framer device. At this point,
the "bi-directional" data bus output drivers will
proceed to drive the contents of the "latched
addressed" register (or buffer location) onto the
bi-directional data bus, D[7:0].
6. Immediately after the µC/µP toggles the "Read
Strobe" signal "low", the Framer device will toggle
the Rdy_Dtck output pin "low". The Framer
device does this in order to inform the µC/µP that
the data (to be read from the data bus) is "NOT
READY" to be "latched" into the µC/µP.
7. After some settling time, the data on the "bi-direc-
tional" data bus will stabilize and can be read by
the µC/µP. The XRT 72L13 DS3 Framer will indi-
cate that this data can be read by toggling the
Rdy_Dtck (READY) signal "high".
8. After the µC/µP detects the Rdy_Dtck signal
(from the XRT 72L13 DS3 Framer), it can then
terminate the Read Cycle by toggling the
RdB_DS (Read Strobe) input pin "high".
Figure 34 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during an "Intel-type" Programmed I/O Read Opera-
tion.
2.2.2.1.1.2
The Intel Mode Write Cycle
Whenever an Intel-type µC/µP wishes to write a byte
or word of data into a register or buffer location, within
the Framer, it should do the following.
1. Assert the ALE_AS (Address Latch Enable) input
pin by toggling it "high". When the µC/µP asserts
the ALE_AS input pin, it enables the "Address
Bus Input Drivers" within the Framer chip.
2. Place the address of the "target" register or buffer
location (within the Framer), on the Address Bus
input pins, A[8:0].
3. While the µC/µP is placing this address value
onto the Address Bus, the Address Decoding cir-
cuitry (within the user's system) should assert the
CS* input pin of the Framer device by toggling it
"low". This step enables further communication
between the µC/µP and the Framer Microproces-
sor Interface block.
4. After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address
Setup" time); the µC/µP should toggle the
ALE_AS input pin "low". This step causes the
Framer device to "latch" the contents of the
"Address Bus" into its internal circuitry. At this
point, the address of the register or buffer loca-
tion (within the Framer), has now been selected.
5. Next, the µC/µP should indicate that this current
bus cycle is a "Write" Operation; by toggling the
WRB_RW (Write Strobe) input pin "low". This
action also enables the "bi-directional" data bus
input drivers of the Framer device.
FIGURE 34. BEHAVIOR OF MICROPROCESSOR INTERFACE SIGNALS DURING AN "INTEL-TYPE" PROGRAMMED I/O
READ OPERATION
ALE_AS
RDB_DS
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Not Valid
Valid
Address of Target Register
WRB_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com