Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
70
2.2.2.2
Data Access using Burst Mode I/O
Burst Mode I/O access is a much faster way to trans-
fer data between the µC/µP and the Microprocessor
Interface (of the XRT 72L13 DS3 Framer), than Pro-
grammed I/O. The reason why Burst Mode I/O is so
much faster follows.
Data is placed upon the Address Bus input pins
A[8:0]; only for the very first access, within a given
burst access. The remaining read or write operations
(within this burst access) do not require the place-
ment of the Address Data on the Address Data Bus.
As a consequence, the user does not have to wait
through the "Address Setup" and "Hold" times; for
each of these Read/Write operation, within the
"Burst" Access.
It is important to note that there are some limitations
associated with Burst Mode I/O Operations.
1. All cycles within the Burst Access, must be either
"all Read" or "all Write" cycles. No "mixing of
"Read" and "Write" cycles is permitted.
2. A Burst Access can only be used when "Read" or
"Write" operations are to be employed over a
contiguous range of address locations, within the
Framer device.
3. The very first "Read" or "Write" cycle, within a
burst access, must start at the "lowest" address
value, of the range of addresses to be accessed.
Subsequent operations will automatically be
incremented to the very next higher address
value.
Examples of Burst Mode I/O operations are present-
ed below for read and write operations, with both "In-
tel-type" and "Motorola-type" µC/µP.
2.2.2.2.1
Burst I/O Access in the Intel Mode
If the XRT 72L13 DS3 Framer is interfaced to an "In-
tel-type" µC/µP (e.g., the 80x86 family, etc.), then it
should be configured to operate in the "Intel" mode
(by tying the "MOTO" pin to ground). Intel-type
"Read" and "Write" Burst I/O Access operations are
described below.
2.2.2.2.1.1
The "Intel-Mode" Read Burst
Access
Whenever an "Intel-type" µC/µP wishes to read the
contents of numerous registers or buffer locations
over a "contiguous" range of addresses; then it
should do the following.
a.
Perform the initial "read" operation of the burst
access.
b. Perform the remaining "read" operations of the
burst access.
c. Terminate the "burst access" operation.
Each of these "operations" within the burst access
are described below.
2.2.2.2.1.1.1
The Initial Read Operation
The initial read operation of an "Intel-type" read burst
access is accomplished by executing a "Programmed
I/O" Read Cycle as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Read Cycle, as described in steps A.1
through A.7 below.
A.1
Place the address of the "initial-target" register
or buffer location (within the Framer) on the
Address Bus input pins A[8:0].
A.2
While the µC/µP is placing this address value
onto the Address Bus, the Address Decoding
FIGURE 37. ILLUSTRATION OF THE BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNAL, DURING A "MOTOR-
OLA
-TYPE" PROGRAMMED I/O WRITE OPERATION
ALE_AS
A[8:0]
CS*
D[15:0]
RDB_DS
Rdy_Dtck
Data to be Written
Address of Target Register
WRB_RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com