Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 24Page - Exar Corporation XRT72L13 Datasheet HTML 25Page - Exar Corporation XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation XRT72L13 Datasheet HTML 28Page - Exar Corporation XRT72L13 Datasheet HTML 29Page - Exar Corporation XRT72L13 Datasheet HTML 30Page - Exar Corporation XRT72L13 Datasheet HTML 31Page - Exar Corporation XRT72L13 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
16
92
NIBBLEINTF
I
Nibble Interface Select Input Pin
This input pin allows the user to configure the Transmit Payload Data
Input Interface and the Receive Payload Data Output Interface to
operate in either the "Serial-Mode" or the "Nibble/Parallel-Mode".
Setting this input pin "high" configures the Transmit and Receive Ter-
minal Interfaces to operate in the "Nibble/Parallel-Mode". In this
mode, the “Transmit Payload Data Input Interface” block will accept
the “outbound” payload data (from the Terminal Equipment) in a “nib-
ble-parallel” manner via the “TxNib[3:0]” input pins. Further, the
“Receive Payload Data Output Interface” block will output the
“inbound” payload data (to the Terminal Equipment) in a “nibble-paral-
lel” manner via the “RxNib[3:0]” output pin.
Setting this input pin "low" configures the Transmit and Receive Termi-
nal Interfaces to operate in the "Serial" Mode. In this mode, the
“Transmit Payload Data Input Interface” block will accept the “out-
bound” payload data (from the Terminal Equipment) in a “serial” man-
ner via the “TxSer” input pin. Further, the “Receive Payload Data
Output Interface” block will output the “inbound” payload data (to the
Terminal Equipment) in a “serial” manner via the “RxSer” output pin.
93
TxDS1Data_27/
TxHDLCData_7
I
Transmit DS1 Data Input - Channel 27:
This input pin accepts a DS1 signal from the Terminal Equipment.
This input pin is sampled upon the "falling edge" of the TxDS1Clk_27
signal.
NOTES:
1. This input pin is inactive if the corresponding M12 MUX is
multiplexing 3 E1's into an ITU-T G.747 data stream.
2. This input pin accepts DS2 data if M12 MUX # 7 is bypassed.
94
TxDS1Clk_27/
SEND_MSGI
I
Transmit DS1 Clock Input - Channel 27/SEND_MSG Request
Input:
The function of this output pin depends upon whether the XRT72L13
is operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1 Clock Input - Channel 27 (Multiplexer/De-Multi-
plexer Mode):
This input pin accepts a DS1 (1.544MHz) clock signal from the Termi-
nal Equipment. The falling edge of this signal is used to sample the
data at the "TxDS1Data_27" input pin.
NOTES:
1. This input pin is inactive if the corresponding M12 MUX is
multiplexing 3 E1's into an ITU-T G.747 data stream.
2. This input pin accepts a DS2 rate clock signal (6.312MHz) if
M12 MUX # 7 is bypassed.
SEND_MSG Request Input: (High Speed HDLC Controller Mode):
Setting this input pin "HIGH" indicates that the byte, currently on the
TxHDLC_Data[7:0] bus is the last byte to be included in the HDLC
frame (not counting the CRC-16 or CRC-32 value).
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com