Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 94 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 94 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 90Page - Exar Corporation XRT72L13 Datasheet HTML 91Page - Exar Corporation XRT72L13 Datasheet HTML 92Page - Exar Corporation XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
82
0x61
PMON G.747 Parity Bit Error Count Register - 1
RUR
0x00
0x62
PMON G.747 Parity Bit Error Count Register - 2
RUR
0x00
0x63
PMON G.747 Parity Bit Error Count Register - 3
RUR
0x00
0x64
PMON G.747 Parity Bit Error Count Register - 4
RUR
0x00
0x65
PMON G.747 Parity Bit Error Count Register - 5
RUR
0x00
0x66
PMON G.747 Parity Bit Error Count Register - 6
RUR
0x00
0x67
PMON G.747 Parity Bit Error Count Register - 7
RUR
0x00
0x68 - 0x6B Reserved
0x6C
PMON Holding Register
R/O
0x00
0x6D
One Second Error Status Register
R/O
0x00
0x6E
One Second - LCV Accumulation Register - MSB
R/O
0x00
0x6F
One Second - LCV Accumulation Register - LSB
R/O
0x00
0x70
One Second - P-Bit Error Accumulation Register - MSB
R/O
0x00
0x71
One Second - P- Bit Error Accumulation Register - LSB
R/O
0x00
0x72
One Second - CP-Bit Error Accumulation Register - MSB
R/O
0x00
0x73
One Second - CP-Bit Error Accumulation Register - LSB
R/O
0x00
0x74 - 0x7F Reserved
0x80
Line Interface Drive Register
R/W
0x00
0x81
Line Interface Scan Register
R/O
0x00
0x82 - 0x8F Reserved
0x90
M23 RxDS2 Loop-back Request Interrupt Enable Register
R/W
0x00
0x91
M23 RxDS2 Loop-Back Request Interrupt Register
RUR
0x00
0x92
M23 RxDS2 Loop-Back Request Status Register
R/O
0x00
0x93
M12 Loop-back Interrupt Status/Enable Register - 1
R/W & RUR
0x00
0x94
M12 Loop-back Status Register - 1
R/O
0x00
0x95
M12 Loop-back Interrupt Status/Enable Register - 2
R/W & RUR
0x00
0x96
M12 Loop-back Status Register - 2
R/O
0x00
0x97
M12 Loop-back Interrupt Status/Enable Register - 3
R/W & RUR
0x00
0x98
M12 Loop-back Status Register - 3
R/O
0x00
0x99
M12 Loop-back Interrupt Status/Enable Register - 4
R/W & RUR
0x00
0x9A
M12 Loop-back Status Register - 4
R/O
0x00
0x9B
M12 Loop-back Interrupt Status/Enable Register - 5
R/W & RUR
0x00
0x9C
M12 Loop-back Status Register - 5
R/O
0x00
0x9D
M12 Loop-back Interrupt Status/Enable Register - 6
R/W & RUR
0x00
0x9E
M12 Loop-back Status Register - 6
R/O
0x00
0x9F
M12 Loop-back Interrupt Status/Enable Register - 7
R/W & RUR
0x00
0xA0
M12 Loop-back Status Register - 7
R/O
0x00
0xA1
DS2 Framer Interrupt Enable Register - 1
R/W
0x00
0xA2
DS2 Framer Interrupt Register - 1
RUR
0x00
0xA3
DS2 Framer Interrupt Status Register - 1
R/O
0x00
0xA4
DS2 Framer Interrupt Enable Register - 2
R/W
0x00
TABLE 4: REGISTER ADDRESS MAP
ADDRESS
REGISTER NAME
TYPE
DEFAULT VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com