Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 96 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 96 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 92Page - Exar Corporation XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation XRT72L13 Datasheet HTML 95Page - Exar Corporation XRT72L13 Datasheet HTML 96Page - Exar Corporation XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
84
Setting this bit-field to “1” configures the XRT72L13
LOS condition, based upon its own internal criteria.
NOTES:
1. The XRT72L13 M13 chip will declare an “LOS”
condition anytime the RLOS input pin is set “high”
independent of the setting of this bit-field.
2. For more information on the XRT72L13 M13 chip’s
“internal criteria” for “Loss of Signal” please see
Section _.
Bit 4 - RESET
This “Read/Write” bit-field permits the user to com-
mand the XRT72L13 M13 chip into a software reset
state. If the XRT72L13 M13 chip is commanded into
the “RESET” state, all of its internal register bits will
automatically be set to their default condition.
The user can configure the XRT72L13 to operate in
the “RESET” state by inducing a “0” to “1” transition in
this bit-field.
Bit 3 - Interrupt Enable RESET
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 chip to automatically disable
all Interrupts that are activated.
Setting this bit-field to “0” configures the XRT72L13
M13 chip to NOT disable the Interrupt Enable Status”
of any interrupt following their activation.
Setting this bit-field to “1” configures the XRT72L13
M13 to disable the Interrupt Enable Status” of any in-
terrupt following their activation.
For more information on this feature, please see Sec-
tion _.
Bit 2 - Frame Format Select
This “Read/Write” bit-field permits the user to select
the Framing format that the XRT72L13 M13 device
will be operating in.
Setting this bit-field to “0” configures the XRT72L13
M13 device to operate in the C-Bit Parity Framing
Format.
Setting this bit-field to “1” configures the XRT72L13
M13 device to operate in the M13 Framing Format.
Bits 1 and 0 - TimRefSel[1:0] - Timing Reference
Select
These two “Read/Write” bit-fields permits the user to
select both a “Framing Reference” and a “Timing Ref-
erence” for the Transmit Section of the XRT72L13.
The following table relates the states of the two-fields
to the selected “Framing” and “Timing” references.
NOTE: For more information on Framing and Timing Refer-
ences, please see Section _.
2.3.2.3
I/O Control Register
Bit 7 - Disable TxLOC
To be provided in the next update.
Bit 6 - LOC (Loss of Clock) Indicator
To be provided in the next update.
Bit 5 - Disable RxLOC
To be provided in the next update.
Bit 4 - AMI/B3ZS* Line Code Select
This “Read/Write” bit-field pemits the user to config-
ure the XRT72L13 M13 device to transmit and re-
ceive data via the AMI (Alternate Mark Inversion) line
code or via the B3ZS (Bipolar 3 Zero Substitution)
line code.
Setting this bit-field to “0” configures the XRT72L13
M13 device to transmit and receive data (via the DS3
Framer block) via the B3ZS format. Setting this bit-
field to “1” configures the XRT72L13 M13 device to
transmit and receive data via the AMI line code.
Bit 3 - Single-Rail/Dual-Rail Select
This “Read/Write” bit-field permits the user to config-
ure the XRT72L13 M13 device to operate in the “Sin-
gle-Rail” or “Dual-Rail” format.
TIMREFSEL[1:0]
FRAMING
REFERENCE
TIMING REFERENCE
00
Asynchronous
RxLineClk Input
signal
01
TxFrameRef
RxLineClk Input
signal
10
Asynchronous
TxInClk Input
signal
11
Asynchronous
TxInClk Input
signal
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/B3ZS*
Line Code
Single-Rail/
Dual-Rail*
TxClkInv
RxClkInv
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
1
0100
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com