Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 63Page - Exar Corporation XRT72L13 Datasheet HTML 64Page - Exar Corporation XRT72L13 Datasheet HTML 65Page - Exar Corporation XRT72L13 Datasheet HTML 66Page - Exar Corporation XRT72L13 Datasheet HTML 67Page - Exar Corporation XRT72L13 Datasheet HTML 68Page - Exar Corporation XRT72L13 Datasheet HTML 69Page - Exar Corporation XRT72L13 Datasheet HTML 70Page - Exar Corporation XRT72L13 Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
55
When the XRT72L13 has been configured to operate
in the "Multiplexer/De-Multiplexer Mode, then the chip
will function as follows.
1.1.1
In the Transmit Direction
When the XRT72L13 is operating the "Multiplexer/De-
Multiplexer" Mode, it consist of the following blocks.
• Seven (7) M12 MUXes.
• An M23 MUX.
• The Clear Channel DS3 Framer Block.
1.1.1.1
Operation of the M12 MUX
Each M12 MUX can be configured to accept either 4
DS1 signals, 3 E1 signals or a DS2 signal. Whenever
a given M12 MUX is configured to operate in the
“DS1” Mode, then it will accept four (4) DS1 signals
(via the “TxDS1Data_n” input pins) and it will multi-
plex these DS1 signals into a DS2 signal.
Whenever a given M12 MUX is configured to operate
in the “ITU-T G.747” Mode, then it will accept three
(3) E1 signals (via 3 out of 4 of the “TxDS1_n” input
pins) and it will multiplex these E1 signals into an
“ITU-T G.747” signal.
Finally, whenever a given M12 MUX is configured to
operate in the “DS2 Pass-Thru” Mode, then it will ac-
cept a DS2 signal (via one of the “TxDS1Data_n” in-
put pins) and will route these signals to the M23
MUX.
Each M12 MUX also consists of a “Transmit DS2” or
“ITU-T G.747 Framer” block. As the M12 MUX out-
puts its DS2 or ITU-T G.747 data stream to the “M23
MUX” then the “Transmit DS2/G.747 Framer” block
will do the following.
• Encapsulate the composite data stream (derived
from 4 DS1 signals) into an outbound DS2 framing
structure.
• Set the “Cxx” bits to the appropriate values in order
to indicate whether or not a bit-stuff event occurred
when creating this particular DS2 frame.
FIGURE 26. FUNCTIONAL BLOCK DIAGRAM OF THE XRT72L13 M13 MULTIPLEXER/FRAMER IC, WHILE OPERATING
IN THE
"MULTIPLEXER/DE-MULTIPLEXER MODE
Clear Channel
DS3 Framer
Clear Channel
DS3 Framer
Microprocessor
Interface
Microprocessor
Interface
M12
MUX
M12
DEMUX
M23
MUX
M23
DEMUX
TxDS1[0: 27]
TxClk[0:27]
RxDS1[0: 27]
RxClk[0:27]
DS2 or G.747
Data Streams
RxPOS
RxNEG
TxPOS
TxNEG
RxLineClk
TxLineClk
32/64 Bit
De-Jitter
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com