Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 79Page - Exar Corporation XRT72L13 Datasheet HTML 80Page - Exar Corporation XRT72L13 Datasheet HTML 81Page - Exar Corporation XRT72L13 Datasheet HTML 82Page - Exar Corporation XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
71
circuitry (within the user's system) should
assert the CS* input pin of the Framer, by tog-
gling it "low". This step enables further commu-
nication between the µC/µP and the Framer
Microprocessor Interface block.
A.3
Assert the ALE_AS (Address Latch Enable)
pin by toggling it "high". This step enables the
"Address Bus" input drivers, within the Micro-
processor Interface block of the Framer.
A.4
After allowing the data on the Address Bus pins
to settle (by waiting the appropriate "Address"
Data Setup time"), the µC/µP should then tog-
gle the ALE_AS pin "low". This step latches
the contents, on the Address Bus pins, A[8:0],
into the XRT 72L13 DS3 Framer Microproces-
sor Interface block. At this point, the "initial"
address of the burst access has now been
selected.
NOTE: The ALE_AS input pin should remain "low" for the
remainder of this "Burst Access" operation.
A.5
Next, the µC/µP should indicate that this cur-
rent bus cycle is a "Read" Operation by tog-
gling the RdB_DS (Read Strobe) input pin
"low". This action also enables the "bi-direc-
tional" data bus output drivers of the Framer
device. At this point, the bi-directional data bus
output drivers will proceed to drive the contents
of the "addressed" register onto the "bi-direc-
tional" data bus, D[7:0].
A.6
Immediately after the µC/µP toggles the "Read
Strobe" signal "low", the Framer device will tog-
gle the Rdy_Dtck (READY) output pin "low".
The Framer device does this in order to inform
the µC/µP that the data (to be read from the
data bus) is "NOT READY" to be latched into
the µC/µP.
A.7
After some settling time, the data on the "bi-
directional" data bus will stabilize and can be
read by the µC/µP. The XRT 72L13 DS3
Framer will indicate that this data is ready to be
read, by toggling the Rdy_Dtck (Ready) signal
"high".
A.8
After the µC/µP detects the Rdy_Dtck signal
(from the XRT 72L13 DS3 Framer IC), it can
then will terminate the "Read" cycle by toggling
the RdB_DS (Read Strobe) input pin "high".
Figure 38 presents an illustration of the behavior of
the Microprocessor Interface Signals, during the "ini-
tial" Read Operation, within a Burst I/O Cycle; for an
Intel-type µC/µP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com