Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 90 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 90 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation XRT72L13 Datasheet HTML 89Page - Exar Corporation XRT72L13 Datasheet HTML 90Page - Exar Corporation XRT72L13 Datasheet HTML 91Page - Exar Corporation XRT72L13 Datasheet HTML 92Page - Exar Corporation XRT72L13 Datasheet HTML 93Page - Exar Corporation XRT72L13 Datasheet HTML 94Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
78
A.6
The µC/µP should then place the byte or word
that it intends to write into the "target" register,
on the bi-directional data bus, D[7:0].
A.7
Next, the µC/µP should initiate the bus cycle by
toggling the RdB_DS (Data Strobe) input pin
"low". When the XRT 72L13 DS3 Framer
senses that the WRB_RW input pin is "low",
and that the RdB_DS input pin has toggled
"low" it will enable the "input drivers" of the bi-
directional data bus, D[7:0].
A.8
After waiting the appropriate amount of time, for
this newly placed data to settle on the bi-direc-
tional data bus( e.g., the "Data Setup" time) the
Framer will assert the Rdy_Dtck (DTACK) out-
put signal.
A.9
After the µP/µC detects the Rdy_Dtck signal
(from the Framer) it should toggle the RdB_DS
input pin "high". This action accomplishes two
things:
a. It latches the contents of the bi-directional data
bus into the XRT 72L13 DS3 Framer Micropro-
cessor Interface block.
b. It terminates the "Write" cycle.
Figure 44 presents a timing diagram which illustrates
the behavior of the Microprocessor Interface signals,
during the "Initial" write operation within a Burst Ac-
cess, for a "Motorola-type" µC/µP.
At the completion of this initial write cycle, the µC/µP
has written a byte or word into the first register or
buffer location (within the XRT 72L13 DS3 Framer) for
this particular burst I/O access. In order to illustrate
how this "burst I/O cycle" works, the byte (or word) of
data, that is being written in Figure 44 has been la-
beled "Data to be Written (Offset = 0x00)."
2.2.2.2.2.2.2
The Subsequent Write Operations
The procedure that the µC/µP must use to perform
the remaining write cycles, within this burst access
operation, is presented below.
B.0
Execute each subsequent write cycle, as
described in Steps B.1 through B.3
B.1
Without toggling the ALE_AS (Address Strobe)
input pin (e.g., keeping it "high"); apply the
value of the next byte or word (to be written into
the Framer) to the bi-directional data bus pins,
D[7:0].
B.2
Toggle the RdB_DS (Data Strobe) input pin
"low". This step accomplishes the following.
a. The Framer internally increments the "latched
address" value (within the Microprocessor Inter-
face).
b. The input drivers of the bi-directional data bus are
enabled.
NOTE: In order to insure that the XRT 72L13 DS3 Framer
will interpret this signal as being a "Write" signal, the
µC/
µP should keep the WRB_RW input pin "low".
B.3
After some settling time, the data, in the inter-
nal data bus, will stabilize and is ready to be
latched into the Framer Microprocessor Inter-
face block. The Microprocessor Interface block
will indicate that this data is ready to be latched
by asserting the Rdy_Dtck (DTACK) output sig-
nal. At this point, the µC/µP should latch the
data into the Framer by toggling the RDB_DS
input pin "high".
FIGURE 44. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING THE "INITIAL" WRITE OPERATION
OF A
BURST CYCLE (MOTOROLA-TYPE PROCESSOR)
ALE_AS
A[8:0]
CS*
D[15:0]
RDB_DS
Rdy_Dtck
Data to be Written (Offset = 0x00)
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com