Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 37 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 37 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 33Page - Exar Corporation XRT72L13 Datasheet HTML 34Page - Exar Corporation XRT72L13 Datasheet HTML 35Page - Exar Corporation XRT72L13 Datasheet HTML 36Page - Exar Corporation XRT72L13 Datasheet HTML 37Page - Exar Corporation XRT72L13 Datasheet HTML 38Page - Exar Corporation XRT72L13 Datasheet HTML 39Page - Exar Corporation XRT72L13 Datasheet HTML 40Page - Exar Corporation XRT72L13 Datasheet HTML 41Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
25
155
DS2OutClk
O
Transmit DS2 Clock Output
156
TxFrameRef
I
Transmit Framer Reference Input:
This input pin functions as the "Transmit Frame Generation" reference
signal, if the XRT72L13 has been configured to operate in the "Local-
Time/Frame Slave" Mode. If the XRT72L13 has been configured to
operate in the "Local-Time/Frame-Slave" Mode, then the user's termi-
nal equipment is expected to apply a pulse (to this input pin) once
every 106.4 microseconds.
In the "Local-Time/Frame-Slave" Mode, the Transmit Section of the
XRT72L13 M13 Multiplexer/Framer IC will initiate its generation of a
new "outbound" DS3 frame, upon the rising edge of this signal.
NOTE: The user can configure the XRT72L13 M13 Multiplexer/Framer
IC to operate in the "Local Time/Frame Slave" Mode by writing "xxxx
xx01" into the "Operating Mode" Register (Address = 0x00).
157
TxFrame
O
Transmit End of DS3 Frame Indicator:
.The Transmit Section of the XRT72L13 will pulse this output pin
"high" (for one bit-period), when the Transmit Payload Data Input
Interface is processing the last bit of a given DS3 frame.
The purpose of this output pin is to alert the Terminal Equipment that
it needs to begin transmission of a new DS3 frame to the XRT72L13
(e.g., to permit the XRT72L13 to maintain Transmit DS3 framing align-
ment control over the Terminal Equipment).
158
TxInClk
I
Transmit Framer Reference Clock Input.
This input pin functions as the "Timing Reference" for the Transmit
Section of the "Clear Channel DS3 Framer" block within XRT72L13
M13 Multiplexer/Framer IC; if the device has been configured to oper-
ate in the "Local-Time" Mode. Further, if the XRT72L13 M13 Multi-
plexer/Framer IC has been configured to operate in the "Local-Time"
Mode, the "Transmit Payload Data Input Interface will sample the data
at the TxSer input pin, upon the rising edge of "TxInClk".
NOTES:
1. The user should apply a 44.736MHz clock signal to this input
pin.
2. The user can configure the XRT72L13 M13 Multiplexer/
Framer IC to operate in the "Local-Time" mode by writing
"xxxx xx01" or "xxxx xx1x" into the "Operating Mode" register
(Address = 0x00).
159
TxNibFrame
O
Transmit Frame Boundary Indicator - Nibble/Parallel Interface
This output pin pulses "high" when the last nibble of a given DS3
frame is expected at the TxNib[3:0] input pins.
The purpose of this output pin is to alert the Terminal Equipment that
it needs to begin transmission of a new DS3 frame to the XRT72L13.
NOTE: This pin is only used for “Clear-Channel Framer” applications.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com