Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 55 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 55 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 51Page - Exar Corporation XRT72L13 Datasheet HTML 52Page - Exar Corporation XRT72L13 Datasheet HTML 53Page - Exar Corporation XRT72L13 Datasheet HTML 54Page - Exar Corporation XRT72L13 Datasheet HTML 55Page - Exar Corporation XRT72L13 Datasheet HTML 56Page - Exar Corporation XRT72L13 Datasheet HTML 57Page - Exar Corporation XRT72L13 Datasheet HTML 58Page - Exar Corporation XRT72L13 Datasheet HTML 59Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
43
t78
A8 - A0 Setup Time to falling edge of ALE_AS
5
ns
t79
A8 - A0 risinfg edge of RD_DS to rising edge of
RDY_DTCK delay
0ns
t80
Rising edge of RDY_DTCK to tri-state of D[7:0]
0
ns
Microprocessor Interface - Motorola Write Operations (See Figure 21)
t78
A8 -A0 Set-up time to falling edge of ALE_AS
5
t81
D[7:0] Set-up time to falling edge of RD_DS
10
ns
t82
Rising edge of RD_DS to rising edge of RDY_DTCK
0
ns
Reset Pulse Width - Both Motorola and Intel Operations (See Figure 24)
t90
Reset pulse width
200
ns
AC ELECTRICAL CHARACTERISTICS (CONT.)
Test Conditions: TA = 25(C, VCC = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
FIGURE 2. TIMING DIAGRAM FOR TRANSMIT PAYLOAD INPUT INTERFACE, WHEN THE XRT72L13 IS OPERATING IN
BOTH THE
DS3 AND LOOP-TIMING MODES
XRT72L13 Transmit Payload Data I/F Signals
RxOutClk
TxSer
TxFrame
TxOH_Ind
Payload[4702]
Payload[4703]
X-Bit
Payload[0]
DS3 Frame Number N
DS3 Frame Number N + 1
t1
t2
t3
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com