Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 69Page - Exar Corporation XRT72L13 Datasheet HTML 70Page - Exar Corporation XRT72L13 Datasheet HTML 71Page - Exar Corporation XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
61
Figure 31 indicates that when the XRT72L13 has
been configured to operate in the "Clear Channel
DS3 Framer Remote Loop-back" Mode, then the fol-
lowing internal connections are made:
• The RxPOS input signal is routed to the TxPOS
output pin.
• The RxNEG input signal is routed to the TxNEG
output pin.
• The RxLineClk output clock signal is routed to the
TxLineClk input pin.
1.2.1.1.3
PRBS Generator/Receiver
In order to support diagnostic testing of the signal
path, the XRT72L13 contains a PRBS Generator and
Receiver. This feature can be operated in conjunc-
tion with (or not) with the "Clear Channel DS3 Framer
Local" or "Remote" Loop-back Modes.
A more detailed description of this feature will be pre-
sented in the next revision of the XRT72L13 Data
Sheet.
1.3
XRT72L13 OPERATION WHILE IN THE
"HIGH SPEED HDLC CONTROLLER" MODE
Figure 32 presents a Functional Block Diagram of the
XRT72L13 M13 Multiplexer/Framer IC, when it has
been configured to operate in the "High Speed HDLC
Controller Mode"
FIGURE 31. ILLUSTRATION OF THE XRT72L13 M13 MULTIPLEXER/FRAMER OPERATING IN THE "CLEAR CHANNEL
DS3 FRAMER REMOTE LOOP-BACK" MODE
Transmit Payload
Data Input
Interface Block
Transmit DS3
Framer Block
Transmit
LIU
Interface
Block
Receive LIU
Interface
Block
Receive DS3
Framer Block
Receive Payload
Data Output
Interface Block
Microprocessor
Interface
TxSer
TxNib[3:0]
TxInClk
MOTO
D[7:0]
A[8:0]
IntB*
CSB*
RdB_DS
WrB_RW
Rdy_Dtck
Reset*
ALE_AS
RxSer
RxNib[3:0]
RxOutClk
TxPOS
TxNEG
TxLineClk
RxPOS
RxNEG
RxLineClk
Tx LAPD Buffer/
Controller
Rx LAPD Buffer/
Controller
Transmit Overhead
Input
Interface Block
Receive Overhead
Output
Interface Block
TxOHClk
TxOHIns
TxOHInd
TxOH
TxOHEnable
TxOHFrame
TxNibClk
TxFrame
RxNibClk
RxFrame
RxOHFrame
RxOH
RxOHClk
RxOHEnable
RxOHInd
Remote
Loop-back
Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com