Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 53 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 53 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 49Page - Exar Corporation XRT72L13 Datasheet HTML 50Page - Exar Corporation XRT72L13 Datasheet HTML 51Page - Exar Corporation XRT72L13 Datasheet HTML 52Page - Exar Corporation XRT72L13 Datasheet HTML 53Page - Exar Corporation XRT72L13 Datasheet HTML 54Page - Exar Corporation XRT72L13 Datasheet HTML 55Page - Exar Corporation XRT72L13 Datasheet HTML 56Page - Exar Corporation XRT72L13 Datasheet HTML 57Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
41
t28
“TXOH” to “TxInClk” rising edge set-up Time
0
ns
t29A
TxInClk to “TxOHEnable”
8
ns
Transmit LIU Interface Timing (see Figure 8 and Figure 9)
t30
Rising edge of "TxLineClk" to rising edge of
"TxPOS" or "TxNEG" output signal.
(Framer is configured to output data on "TxPOS"
and "TxNEG" on rising edge of "TxLineClk"
0.6
ns
t31
Falling edge of "TxLineClk" to rising edge of
"TxPOS" or "TxNEG"
(Framer is configured to output data via "TxPOS"
and "TxNEG" on falling edge of "TxLineClk")
0.6
ns
fTxLineClk Period of TxLineClk clock signal
44.736
MHz
t32
Period of TxLineClk
22.36
ns
Receive LIU Interface Timing (see Figure 10 and Figure 11)
t38
"RxPOS" or "RxNEG" set-up time to rising edge of
"RxLineClk".
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the rising edge of "RxLi-
neClk")
0ns
t39
"RxPOS" or "RxNEG" hold time, from rising edge of
"RxLineClk"
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the rising edge of "RxLi-
neClk")
2.4
ns
t40
"RxPOS" or "RxNEG" set-up time to falling edge of
"RxLineClk".
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the falling edge of "RxLi-
neClk")
0ns
t41
"RxPOS" or "RxNEG" hold time, from falling edge of
"RxLineClk"
(Framer is configured to sample data on "RxPOS"
and "RxNEG" input pins, on the falling edge of "RxLi-
neClk")
2.4
ns
Receive Payload Data Output Inteface Timing - Serial Mode Operation (See Figure 12)
t50
Falling edge of RxClk to "Payload Data" (RxSer) out-
put delay
0ns
t51
Falling edge of "RxClk" to "RxFrame" output delay
1.3
ns
t52
Falling edge of "RxClk" to "RxOHInd" output delay.
2.6
ns
Receive Payload Data Output Interface Timing - Nibble Mode Operation (see Figure 13)
t53
Falling edge of “RxClk” to rising edge of “RxFrame”
output delay
22
ns
AC ELECTRICAL CHARACTERISTICS (CONT.)
Test Conditions: TA = 25(C, VCC = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com