Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 87 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 87 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 83Page - Exar Corporation XRT72L13 Datasheet HTML 84Page - Exar Corporation XRT72L13 Datasheet HTML 85Page - Exar Corporation XRT72L13 Datasheet HTML 86Page - Exar Corporation XRT72L13 Datasheet HTML 87Page - Exar Corporation XRT72L13 Datasheet HTML 88Page - Exar Corporation XRT72L13 Datasheet HTML 89Page - Exar Corporation XRT72L13 Datasheet HTML 90Page - Exar Corporation XRT72L13 Datasheet HTML 91Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
75
byte or word (to be written into the Framer) to
the bi-directional data bus pins, D[7:0].
B.2
Toggle the WRB_RW (Write Strobe) input pin
"low". This step accomplishes two things.
a. It enables the input drivers of the bi-directional
data bus.
b. It causes the Framer to internally increment the
value of the "latched" address.
B.3
After waiting the appropriate amount of settling
time the data, in the internal data bus, will stabi-
lize and is ready to be latched into the Framer
Microprocessor Interface block. At this point,
the µC/µP should latch the data into the Framer
by toggling the WRB_RW input pin "high".
For subsequent write operations, within this burst I/O
access, the µC/µP simply repeats steps B.1 through
B.3, as illustrated in Figure 41.
2.2.2.2.1.2.3
Terminating the Burst I/O Access
Burst Access Operation will be terminated upon the
rising edge of the ALE_AS input signal. At this point
the Framer will cease to internally increment the
"latched" address value. Further, the µC/µP is now
free to execute either a "Programmed I/O" access or
to start another "Burst Access Operation" with the
XRT 72L13 DS3 Framer.
2.2.2.2.2
Burst I/O Access in the Motorola
Mode
If the XRT 72L13 DS3 Framer is interfaced to a "Mo-
torola-type" µC/µP (e.g., the MC680x0 family, etc.),
then it should be configured to operate in the "Motor-
ola" mode (by tying the "MOTO" pin to VCC). Motoro-
la-type "Read" and "Write" Burst I/O Access opera-
tions are described below.
2.2.2.2.2.1
The "Motorola-Mode" Read Burst I/
O Access Operation
Whenever a "Motorola-type" µC/µP wishes to read
the contents of numerous registers or buffer locations
over a "contiguous" range of addresses, then it
should do the following.
a. Perform the initial "Read" operation of the burst
access.
b. Perform the remaining "read" operations; in the
burst access.
c. Terminate the "burst access" operation.
Each of these operations, within the Burst Access are
discussed below.
2.2.2.2.2.1.1
The Initial Read Operation
The initial read operation of a "Motorola-type" read
burst access is accomplished by executing a "Pro-
grammed I/O Read" cycle, as summarized below.
A.0
Execute a Single Ordinary (Programmed I/
O) Read Cycle, as described in steps A.1
through A.8 below.
A.1
Assert the ALE_AS (AS*) input pin by toggling
it "low". This step enables the "Address Bus"
input drivers (within the XRT 72L13 DS3
Framer) within the Framer Microprocessor
Interface Block.
A.2
Place the address of the "initial" target register
or buffer location (within the Framer), on the
Address Bus input pins, A[8:0].
A.3
At the same time, the Address-Decoding cir-
cuitry (within the user's system) should assert
the CS* (Chip Select) input pins of the Framer
FIGURE 41. BEHAVIOR OF THE MICROPROCESSOR INTERFACE SIGNALS, DURING SUBSEQUENT "WRITE" OPERA-
TIONS WITHIN THE
BURST I/O CYCLE
ALE_AS
WRB_RW
A[8:0]
CS*
D[15:0]
Rdy_Dtck
Data Written at Offset =0x01
RDB_DS
Data Written at Offset =0x02
Address of “Initial” Target Register (Offset = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com