Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 51 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 51 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 47Page - Exar Corporation XRT72L13 Datasheet HTML 48Page - Exar Corporation XRT72L13 Datasheet HTML 49Page - Exar Corporation XRT72L13 Datasheet HTML 50Page - Exar Corporation XRT72L13 Datasheet HTML 51Page - Exar Corporation XRT72L13 Datasheet HTML 52Page - Exar Corporation XRT72L13 Datasheet HTML 53Page - Exar Corporation XRT72L13 Datasheet HTML 54Page - Exar Corporation XRT72L13 Datasheet HTML 55Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
39
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUMS
ABSOLUTE MAXIMUM RATINGS:
Power Supply......................................... -0.5V to +3.465V
Power Dissipation PQFP Package........................... ???W
Storage Temperature ...............................-65°C to 150°C
Input Voltage (Any Pin) .....................-0.5V to VDD + 0.5V
Voltage at Any Pin .......................... -0.5V to VDD + 0.5V
Input Current (Any Pin) ...................................... + 100mA
DC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25(C, VCC = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
ICC
Power Supply Current
180
mA
ILL
Data Bus Tri-State Bus Leakage Current
TBD
µA
VIL
Input Low voltage
0.8
V
VIH
Input High Voltage
2.0
VCC
V
VOL
Output Low Voltage
0.0
0.4
V
VOH
Output High Voltage
2.4
VCC
V
IOC
Open Drain Output Leakage Current
TBD
µA
IIH
Input High Voltage Current
TBD
µA
VIH = VCC
IIL
Input Low Voltage Current
TBD
µA
VIL = GND
AC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = 25(C, VCC = 3.3V + 5% unless otherwise specified
SYMBOL
PARAMETER
MIN.TYP.MAX.UNITS
CONDITIONS
Transmit Payload Data Input Interface - Loop-Timed/Serial Mode (See Figure 2)
t1
Payload data (TxSer) set-up time to rising edge of
RxOutClk
6ns
t2
Payload data (TxSer) hold time, from rising edge of
RxOutClk
0ns
t3
RxOutClk to TxFrame output delay
8
ns
t4
RxOutClk to TxOHInd output delay
8
ns
Transmit Payload Data Input Interface - Local Timed/Serial Mode (See Figure 3)
t5
Payload data (TxSer) set-up time to rising edge of
"TxInClk"
0ns
t6
Payload data (TxSer) hold time, from rising edge of
"TxInClk"
2.5
ns
t7
"TxFrameRef" set-up time to rising edge of "TxInClk"
0
ns
Framer IC is
"Frame Slave"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com