Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 19Page - Exar Corporation XRT72L13 Datasheet HTML 20Page - Exar Corporation XRT72L13 Datasheet HTML 21Page - Exar Corporation XRT72L13 Datasheet HTML 22Page - Exar Corporation XRT72L13 Datasheet HTML 23Page - Exar Corporation XRT72L13 Datasheet HTML 24Page - Exar Corporation XRT72L13 Datasheet HTML 25Page - Exar Corporation XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
11
57
RxDS1Data_2/
RxHDLC_Data_2
O
Receive DS1/E1 Data Output - Channel 2/Receive HDLC Control-
ler Block Output - Bit 2
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1 Data Output - Channel 2 (Multiplexer/De-Multiplexer
Mode)
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_2.
Receive HDLC Controller Block Output - Bit 2 (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data[0:1] and
RxHDLC_Data[3:7] output the contents of all HDLC frames that have
been received (via the DS3 payload) from the remote terminal equip-
ment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
58
RxDS1Clk_2/
ValidFCS
O
Receive DS1/E1 Clock Output - Channel 2/Valid FCS Indicator
Output :
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1 Clock Output - Channel 2 (Multiplexer/De-Multi-
plexer Mode)
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_2" line, upon the rising edge of this signal.
Valid FCS Indicator Output - (High Speed HDLC Controller Mode)
This output pin is driven "high" anytime the Receive HDLC Controller
block has received an HDLC frame with a valid FCS value.
59
RxDS1Data_1/
RxHDLC_Data_1
O
Receive DS1/E1 Data Output - Channel 1/Receive HDLC Control-
ler Block Output - Bit 1:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1 Data Output - Channel 1: (Multiplxer/De-Multiplexer
Mode):
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_1.
Receive HDLC Controller Block Output - Bit 1 (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data_0 and RxHDLC_Data[2:7]
output the contents of all HDLC frames that have been received (via
the DS3 payload) from the remote terminal equipment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com