Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 71Page - Exar Corporation XRT72L13 Datasheet HTML 72Page - Exar Corporation XRT72L13 Datasheet HTML 73Page - Exar Corporation XRT72L13 Datasheet HTML 74Page - Exar Corporation XRT72L13 Datasheet HTML 75Page - Exar Corporation XRT72L13 Datasheet HTML 76Page - Exar Corporation XRT72L13 Datasheet HTML 77Page - Exar Corporation XRT72L13 Datasheet HTML 78Page - Exar Corporation XRT72L13 Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
63
2.1
THE MICROPROCESSOR INTERFACE BLOCK SIG-
NAL
The Framer IC may be configured into a wide variety
of different operating modes and have its perfor-
mance monitored by software through a standard (lo-
cal "housekeeping") microprocessor, using data, ad-
dress and control signals.
The local µP configures the Framer IC (into a desired
operating mode) by writing data into specific address-
able, on-chip "Read/Write" registers; or on-chip RAM.
The microprocessor interface provides the signals
which are required for a general purpose micropro-
cessor to read or write data into these registers. The
Microprocessor Interface also supports "polled" and
interrupt driven environments. These interface sig-
nals are described below in Table 1, 2, and 3. The
microprocessor interface can be configured to oper-
ate in the "Motorola" Mode or in the "Intel" mode.
When the Microprocessor Interface is operating in the
"Motorola" mode, then some of the control signals
function in a manner as required by the Motorola
68000 family of microprocessors. Likewise, when the
Microprocessor Interface is operating in the "Intel"
Mode, then some of these Control Signals function in
a manner as required by the Intel 80xx family of mi-
croprocessors.
Table 1 lists and describes those Microprocessor In-
terface signals whose role is constant across the two
modes. Table 2 describes the role of some of these
signals when the Microprocessor Interface is operat-
ing in the Intel Mode. Likewise, Table 3 describes the
role of these signals when the Microprocessor Inter-
face is operating in the Motorola Mode.
FIGURE 33. SIMPLE BLOCK DIAGRAM OF THE MICROPROCESSOR INTERFACE BLOCK, WITHIN THE FRAMER IC
A[8:0]
WrB_RW
RdB_DS
CS
ALE_AS
Reset
Int
D[7:0]
MOTO
Rdy_Dtck
Microprocessor Interface
and
Programmable Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com