Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 48 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 48 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 44Page - Exar Corporation XRT72L13 Datasheet HTML 45Page - Exar Corporation XRT72L13 Datasheet HTML 46Page - Exar Corporation XRT72L13 Datasheet HTML 47Page - Exar Corporation XRT72L13 Datasheet HTML 48Page - Exar Corporation XRT72L13 Datasheet HTML 49Page - Exar Corporation XRT72L13 Datasheet HTML 50Page - Exar Corporation XRT72L13 Datasheet HTML 51Page - Exar Corporation XRT72L13 Datasheet HTML 52Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
36
199
RxNib_1/RxOOF
O
Receive Nibble Output - Bit 1/Receive “Out-Of-Frame” Indicator:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the “Clear-Channel-Framing/Nibble-Parallel” Mode or not.
Clear-Channel Framing/Nibble-Parallel Mode - Receive Nibble
Output - Bit 1:
The Framer IC will output "Received data (from the Remote Terminal)
to the local Terminal Equipment via this pin along with RxNib0,
RxNib2 and RxNib3.
The data at this pin is updated on the rising edge of the RxClk output
signal.
All other Modes - Receiver "Out of Frame" Indicator:
The Receive Section of the XRT72L13 M13 Multiplexer/Framer IC will
assert this output signal whenever it has declared an "Out of Frame"
(OOF) condition with the incoming DS3 frames. This signal is
negated when the framer correctly locates the framing alignment bits
or bytes and correctly aligns itself with the incoming DS3 frames.
200
GND
****
Ground Pin
201
RxNib_0/RxSer
O
Receive Nibble Output -Bit 0/Receive Serial Output:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the “Clear-Channel-Framing/Nibble-Parallel” Mode or in
the “Clear-Channel-Framing/Serial” Modes
Clear-Channel Framing/Nibble-Parallel Mode - Receive Nibble
Output - Bit 0:
The Framer IC will output "Received data (from the Remote Terminal)
to the local Terminal Equipment via this pin along with RxNib1,
RxNib2 and RxNib3.
The data at this pin is updated on the rising edge of the RxClk output
signal.
NOTE: In this case, the RxClk output signal is approximately
11.184MHz
Clear-Channel Framing/Serial Mode Receive Serial Output;
The Framer IC will output "Received data (from the Remote Terminal)
to the local Terminal Equipment via this pin.
The data at this pin is updated on the "selected" edge of the RxClk
output pin.
NOTES:
1. For “Serial-Mode” applications, the “RxClk” output signal is
44.736MHz.
2. If the XRT72L13 is operating in the “Channelized” or “High-
Speed HDLC Controller” modes, then this output pin is in-
active.
202
RxOutClk
O
Receive Out Clock - Transmit Terminal Interface Clock for Loop-
Timing:
This clock signal functions as the "Terminal Interface" clock source, if
the XRT72L13 M13 Multiplexer/Framer IC is operating in the "loop-
timing" mode.
In this mode, the Transmitting Terminal Equipment is expected to
input data to the Framer IC, via the TxSer input pin, upon the rising
edge of this clock signal. The XRT72L13 will use the rising edge of
this clock signal to sample the data at the TxSer input.
This clock signal is a buffered version of the RxLineClk signal.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com