Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 25Page - Exar Corporation XRT72L13 Datasheet HTML 26Page - Exar Corporation XRT72L13 Datasheet HTML 27Page - Exar Corporation XRT72L13 Datasheet HTML 28Page - Exar Corporation XRT72L13 Datasheet HTML 29Page - Exar Corporation XRT72L13 Datasheet HTML 30Page - Exar Corporation XRT72L13 Datasheet HTML 31Page - Exar Corporation XRT72L13 Datasheet HTML 32Page - Exar Corporation XRT72L13 Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 370 page
background image
áç
áç
áç
áç
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PRELIMINARY
REV. P1.0.6
17
95
TxDS1Data_26/
TxHDLCData_6
I
Transmit DS1/E1 Data Input - Channel 26/Transmit HDLC Control-
ler Block Input - Bit 6:
The function of this output pin depends upon whether the XRT72L13
is operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1/E1 Data Input - Channel 26 (Multiplexer/De-Multi-
plexer Mode):
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_26 signal.
Transmit HDLC Controller Block Input - Bit 6: (High Speed HDLC
Controller Mode)
This input pin, along with TxHDLC_Data[0:5] and TxHDLC_Data_7
function as the "Transmit HDLC Controller Byte input interface. Data
that resides on this bus, during the rising edge of "TxHDLCClk" is
latched into the "Transmit HDLC Controller Block" and will be encap-
sulated into a HDLC frame and transmitted to the remote terminal
equipment.
96
TxDS1Clk_26/
SEND_FCS
I
Transmit DS1/E1 Clock Input - Channel 26/SEND_FCS Request
Input pin:
The function of this output pin depends upon whether the XRT72L13
is operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1/E1 Clock Input - Channel 26 (Multiplexer/De-Multi-
plexer Mode):
This input pin accepts either a DS1 (1.544MHz) or an E1 (2.048MHz)
clock signal from the Terminal Equipment. The falling edge of this sig-
nal is used to sample the data at the "TxDS1Data_26" input pin.
SendFCS Request Input (High Speed HDLC Controller Mode)
Setting this input pin "HIGH, at the end of enter data to be transported
over the DS3 transport medium via an out-bound HDLC frame, com-
mands the Transmit HDLC Controller to compute FCS value (e.g.,
either a CRC-16 or CRC-32 value) and append it to the outbound
HDLC frame.
97
TxDS1Data_25/
TxHDLCData_5
I
Transmit DS1/E1 Data Input - Channel 25/Transmit HDLC Control-
ler Block Input - Bit 5:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Transmit DS1/E1 Data Input - Channel 25 (Multiplexer/De-Multi-
plexer Mode):
This input pin accepts either a DS1 or E1 signal from the Terminal
Equipment. This input pin is sampled upon the "falling edge" of the
TxDS1Clk_25 signal.
Transmit HDLC Controller Block Input - Bit 5: (High Speed HDLC
Controller Mode)
This input pin, along with TxHDLC_Data[0:4] and TxHDLC_Data[6:7]
function as the "Transmit HDLC Controller Byte input interface. Data
that resides on this bus, during the rising edge of "TxHDLCClk" is
latched into the "Transmit HDLC Controller Block" and will be encap-
sulated into a HDLC frame and transmitted to the remote terminal
equipment.
98
GND
****
Ground Pin
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com