Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 20 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 16Page - Exar Corporation XRT72L13 Datasheet HTML 17Page - Exar Corporation XRT72L13 Datasheet HTML 18Page - Exar Corporation XRT72L13 Datasheet HTML 19Page - Exar Corporation XRT72L13 Datasheet HTML 20Page - Exar Corporation XRT72L13 Datasheet HTML 21Page - Exar Corporation XRT72L13 Datasheet HTML 22Page - Exar Corporation XRT72L13 Datasheet HTML 23Page - Exar Corporation XRT72L13 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 370 page
background image
XRT72L13
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
REV. P1.0.6
PRELIMINARY
8
47
RxDS1Clk_7
O
Receive DS1 Clock Output - Channel 7:
This pin outputs a DS1 (1.544MHz) clock signal to the Terminal
Equipment. The XRT72L13 will update the data on the
"RxDS1Data_7" line, upon the rising edge of this signal.
NOTES:
1. This output pin is inactive if the corresponding M12 DEMUX is
de-multiplexing an ITU-T G.747 data stream.
2. This pin will output a DS2 rate clock signal (6.312MHz) if M12
# 2 is bypassed.
48
RxDS1Data_6
RxHDLC_Data_6
O
Receive DS1/E1 Data Output - Channel 6/Receive HDLC Control-
ler Block Output - Bit 6:
The funtion of this output pin depends upon whether the XRT72L13 is
operating in the "Multiplexer/De-Multiplexer" Mode or in the "High
Speed HDLC Controller" Mode.
Receive DS1/E1 Data Output - Channel 6: (Multiplexer/De-Multi-
plexer Mode):
This pin outputs either a DS1 or E1 signal from the M12 multiplexer.
Each bit, within the DS1 or E1 data stream is output upon the rising
edge of RxDS1Clk_6.
Receive HDLC Controller Block Output - Bit 6: (High Speed HDLC
Controller Mode)
This output pin along with RxHDLC_Data[0:5] and RxHDLC_Data_7
output the contents of all HDLC frames that have been received (via
the DS3 payload) from the remote terminal equipment.
The data on this output pin is updated upon the rising edge of "RxH-
DLCClk".
NOTE: This pin is inactive while the Receive HDLC Controller is
receiving the "Flag Sequence" octet.
49
GND
****
Ground Pin
50
RxDS1Clk_6
O
Receive DS1/E1 Clock Output - Channel 6:
This pin outputs either a DS1 (1.544MHz) or an E1 (2.048MHz) clock
signal to the Terminal Equipment. The XRT72L13 will update the data
on the "RxDS1Data_6" line, upon the rising edge of this signal.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com