Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 101 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 101 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 97Page - Exar Corporation XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation XRT72L13 Datasheet HTML 104Page - Exar Corporation XRT72L13 Datasheet HTML 105Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
89
Setting this bit-field to “1” enables the “Remote Loop-
back” Mode.
Bit 2 - Tributary Polarity
This “Read/Write” bit-field permits the user to select
the clock edge at which (a) the XRT72L13 M13 de-
vice will sample and latch the “Transmit DS1/E1” and
Transmit HDLC data, and (b) the XRT72L13 will out-
put the “Receive DS1/E1” and Receive HDLC data.
Setting this bit-field to “0” configures the XRT72L13
M13 device to (a) sample and latch the “Transmit
DS1/E1” and “Transmit HDLC” data on the rising
edge of the appropriate clock signal; and (b) to output
the “Receive DS1/E1” and “Receive HDLC” data on
the rising edge of the appropriate clock signal.
Setting this bit-field to “1” configures the XRT72L13
M13 device to (a) sample and latch the “Transmit
DS1/E1” and “Transmit HDLC” data on the falling
edge of the appropriate clock signal; and (b) to output
the “Receive DS1/E1” and “Receive HDLC” data on
the falling edge of the appropriate clock signal.
Bits 1 and 0 - M23LBCode[1, 0]
NOTES:These two “Read/Write” bits permit the user to
define which “C-bit” pattern (in the inbound DS3 data
stream) will function as the loopback command. these reg-
ister bits are only used if the XRT72L13 M13 device is oper-
ating in the “M13” Framing Format. These register bits are
ignored if the XRT72L13 M13 device is operating in the “C-
Bit Parity” Framing Format.
The following table related the contents of these two
bit-fields to the “M23 Loopback” code.
A more detailed description of these loopback codes
will be presented in Section _.
2.3.2.10 M23 DS3 AIS Register
Bits 6 thru 0 - TxDS2 AIS Channel[6:0]
These seven (7) “Read/Write” bit-fields permits the
user to specify which “outbound” DS2 channel will
transmit an AIS (All Ones) pattern.
For example, setting “Bit 5” (within this register) to “1”
configures the XRT72L13 M13 device to transmit an
AIS pattern via the “outbound” (Transmit) DS2 Chan-
nel 5. In this mode, the content of the lower tributary
“TxDS1/E1” signals will be over-written by this AIS
pattern.
Setting “Bit 5” to “0” configures the “Transmit” DS2
Channel 5 to carry normal traffic (as determined by
the lower DS1 or E1 tributaries).
TABLE 5:
M23LB
CODE[1]
M23 LB
CODE[0]
RESULTING
“M23” LOOPBACK CODE
0
0
Cj1 = Cj2 = *Cj3
0
1
Cj1 = *Cj2 = Cj3
1
0
*Cj1 = Cj2 = Cj3
1
1
Cj1 = Cj2 = *Cj3
M23 TX DS2 AIS REGISTER (ADDRESS = 0X08)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxDS2 AIS
Channel 6
TxDS2 AIS
Channel 5
TxDS2 AIS
Channel 4
TxDS2 AIS
Channel 3
TxDS2 AIS
Channel 2
TxDS2 AIS
Channel 1
TxDS2 AIS
Channel 0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com