Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 105 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 105 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation XRT72L13 Datasheet HTML 104Page - Exar Corporation XRT72L13 Datasheet HTML 105Page - Exar Corporation XRT72L13 Datasheet HTML 106Page - Exar Corporation XRT72L13 Datasheet HTML 107Page - Exar Corporation XRT72L13 Datasheet HTML 108Page - Exar Corporation XRT72L13 Datasheet HTML 109Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
93
ticular bit-field permits the user to define the “Frame
Maintenance” criteria, as it applies to F-bits.
Setting this bit-field to “0” configures the “Receive
DS3 Framer” block to declare an “OOF” (Out of
Frame” condition) if it determines that 6 out of the last
16 F-bits are in error.
Setting this bit-field to “1” configures the “Receive
DS3 Framer” block to declare an “OOF” (Out of
Frame” condition) if it determines that 3 out of the last
16 F-bits are in error.
Bit 0 - MSync Algo(rithm) Select
This “Read/Write” bit-field, in conjunction with Bits 1
and 2 of this register, allows the user to completely
define the “Frame Maintenance” criteria of the “Re-
ceive DS3 Framer” block (within the chip). This par-
ticular bit-field permits the user to define the “Frame
Maintenance” criteria, as it applies to M-bits.
Setting this bit-field to “0” configures the “Receive
DS3 Framer” block to ignore the occurrence of M-bit
errors.
Setting this bit-field to “1” configures the “Receive
DS3 Framer” block to declare an “OOF” condition if it
determines that 3 out of 4 M-bits are in error.
2.3.2.16
RxDS3 Status Register
Bit 4 - RxFERF (Far-End Receive Failure) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is declaring a FERF (Far-End Receive
Failure) condition.
If this bit-field is set to “0”, then the “Receive DS3
Framer” block (of the chip) is currently not declaring a
FERF condition.
Conversely, if this bit-field is set to “1”, then the “Re-
ceive DS3 Framer” block is currently declaring a
FERF condition.
NOTE: For more information how the “Receive DS3 Framer”
block declares a “FERF” condition, please see Section _.
Bit 3 - RxAIC (Application Identification Channel)
indicator
This “Read-Only” bit-field reflects the value of the AIC
bit-field, within the most recently received DS3
frames, as detected by the “Receive DS3 Framer”
block.
This bit-field is set to “1” if the incoming DS3 data
stream is determined to be in the “C-bit Parity” format
(AIC bit = 1) for at least 63 consecutive frames.
This bit-field is set to “0” if the incoming DS3 data
stream is determined to be in the “M13” format (AIC
bit = 0).
Bits 2 thru 0 - RxFEBE[2:0]
These “Read-Only” bit-fields reflect the “FEBE” (Far-
End Block Error) value, within the most recently re-
ceived DS3 frame.
If these bit-fields are set to “111”, then it indicates that
the “Remote” Receiving Terminal is receiving DS3
frames in an un-erred manner.
Conversely, if these bit-fields are set to any value oth-
er than “111”, then it indicates that the “Remote” Re-
ceiving Terminal has detected Framing or Parity bit
errors in the DS3 frames that it is receiving.
NOTE: For more information on FEBE (Far-End-Block
Error), please see Section _.
RX DS3 STATUS REGISTER (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Not Used
Not Used
RxFERF
RxAIC
RxFEBE[2]
RxFEBE[1]
RxFEBE[0]
R/O
R/W
R/W
R/O
R/O
R/O
R/O
R/O
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com