Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 102 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 102 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 98Page - Exar Corporation XRT72L13 Datasheet HTML 99Page - Exar Corporation XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation XRT72L13 Datasheet HTML 104Page - Exar Corporation XRT72L13 Datasheet HTML 105Page - Exar Corporation XRT72L13 Datasheet HTML 106Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
90
2.3.2.11 M23 Request Loopback Register
Bits 6 thru 0 - DS2 Loopback Request Channel
[6:0]
These seven (7) “Read/Write” bit-field permits the us-
er to request that the Remote Terminal Equipment
configure one of their DS2 channels to operate in the
“Remote Loopback” Mode.
Setting any one of these bit-fields to “1” will cause the
XRT72L13 M13 device to insert a “DS2 Remote
Loopback Command Request” (for the corresponding
DS2 channel) to be inserted into the “outbound” DS3
data stream. The “Remote Terminal Equipment”
should respond by executing the appropriate loop-
back command.
For example, setting Bit 5 (within this register) will
cause the XRT72L13 M13 device to insert the “Chan-
nel 5 DS2 Remote Loopback Command Register” in-
to the “outbound” DS3 data stream. The Remote Ter-
minal Equipment will be expected to respond by con-
figuring DS2 Channel 5, into the “Remote Loopback”
Mode.
NOTE: This registert is only active if the XRT72L13 M13
device has been configured to operate in the “M13/Chan-
nelized” Mode.
2.3.2.12 M23 Loopback Activation Register
Bits 6 thru 0 - DS2 Loopback Activation Channel
[6:0]
These seven (7) “Read/Write” bit-fields permit the us-
er to configure any of the seven DS2 channels into
the “Remote Loopback” Mode.
Setting any one of these bit-fields to “1” will cause the
corresponding DS2 channel to operate in the “Re-
mote Loopback” Mode.
Setting any one of these bit-fields to “0” will cause the
corresponding DS2 channel to terminate “Remote
Loopback Mode” operation.
2.3.2.13 M23 RxAIS Register
M23 REQUEST LOOPBACK REGISTER (ADDRESS = 0X09)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
DS2
Loopback
Request
Channel 6
DS2
Loopback
Request
Channel 5
DS2
Loopback
Request
Channel 4
DS2
Loopback
Request
Channel 3
DS2
Loopback
Request
Channel 2
DS2
Loopback
Request
Channel 1
DS2
Loopback
Request
Channel 0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
M23 LOOPBACK ACTIVATION REGISTER (ADDRESS = 0X0A)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
DS2
Loopback
Activation
Channel 6
DS2
Loopback
Activation
Channel 5
DS2
Loopback
Activation
Channel 4
DS2
Loopback
Activation
Channel 3
DS2
Loopback
Activation
Channel 2
DS2
Loopback
Activation
Channel 1
DS2
Loopback
Activation
Channel 0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000
M23 RX DS2 AIS REGISTER (ADDRESS = 0X0B)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxDS2 AIS
Channel 6
RxDS2 AIS
Channel 5
RxDS2 AIS
Channel 4
RxDS2 AIS
Channel 3
RxDS2 AIS
Channel 2
RxDS2 AIS
Channel 1
RxDS2 AIS
Channel 0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com