Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 104 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 104 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 100Page - Exar Corporation XRT72L13 Datasheet HTML 101Page - Exar Corporation XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation XRT72L13 Datasheet HTML 104Page - Exar Corporation XRT72L13 Datasheet HTML 105Page - Exar Corporation XRT72L13 Datasheet HTML 106Page - Exar Corporation XRT72L13 Datasheet HTML 107Page - Exar Corporation XRT72L13 Datasheet HTML 108Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
92
Bit 1 - RxDS3 Bypass
To be defined in the next revision
Bit 0 - TxDS3 Bypass
To be defined in the next revision
2.3.2.15 Rx DS3 Configuration and Status Reg-
siter
Bit 7 - Rx AIS (Receive AIS Pattern) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is currently receiving an AIS pattern or
not.
The XRT72L13 will set this bit-field to “0” if it is not
currently detecting an AIS pattern in the incoming da-
ta stream. Conversely, the XRT72L13 will set this bit-
field to “1” if it is currently receiving an AIS pattern in
the incoming data stream.
NOTE: For a detailed discussion on the AIS pattern please
see Section _.
Bit 6 - Rx LOS (Receive LOS Condition) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is currently declaring an LOS (Loss of
Signal) condition of the incoming DS3 data stream.
If this bit-field is set to “0”, then the “Receive DS3
Framer” block (within the chip) is currently not declar-
ing an LOS condition.
If this bit-field is set to “1”, then the “Receive DS3
Framer” block (within the chip) is currently declaring
an LOS condition.
NOTE: For more information on the “LOS Declaration” crite-
ria, please see Section _.
Bit 5 - Rx Idle (Receive Idle Pattern) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is currently detecting the “Idle Pattern” in
the “incoming” DS3 data stream.
If this bit-field is set to “0”, then the Receive DS3
Framer block (within the chip) is currently not detect-
ing the Idle pattern.
If this bit-field is set to “1”, then the Receive DS3
Framer block (within the chip) is currently detecting
the Idle pattern.
NOTE: For more information about the “Idle Pattern”,
please see Section _.
Bit 4 - Rx OOF (Receive Out-of-Frame) Indicator
This “Read-Only” bit-field indicates whether or not the
“Receive DS3 Framer” block (within the XRT72L13
M13 device) is currently declaring an “OOF” (Out of
Frame) condition.
If this bit-field is set to “0”, then the “Receive DS3
Framer” block (of the chip) is currently not declaring
the “OOF” condition.
If this bit-field is set to “1”, then the “Receive DS3
Framer block is currently declaring the “OOF” condi-
tion.
NOTE: For more information on the “OOF” and “In-Frame”
Declaration Criteria (for DS3) please see Section _.
Bit 2 - Framing On Parity ON/OFF Select
This “Read/Write” bit-field permits the user to require
that the “Receive DS3 Framer” block include P-Bit
Verification as a condition for declaring itself “In-
Frame”, during “Frame Acquisition”.
This feature also imposes an additional “Frame Main-
tenance” requirement on the “Receive DS3 Framer”
block. In particular, if this additional requirement is
implemented, the “Receive DS3 Framer” block will
perform a frame search if it detects P-bit errors in at
least 2 out of 5 DS3 frames.
Setting this bit-field to “1” imposes this additional re-
quirement.
Conversely, setting this bit-field to “0” configures the
“Receive DS3 Framer” block to waive this require-
ment.
NOTE: For more information on “Framing with Parity”,
please see Section _.
Bit 1 - FSync Algo(rithm) Select
This “Read/Write” bit-field, in conjunction with Bits 0
and 2 of this register, allows the user to completely
define the “Frame Maintenance” criteria of the “Re-
ceive DS3 Framer” block (within the chip). This par-
RX DS3 CONFIGURATION AND STATUS REGISTER (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx AIS
Rx LOS
Rx Idle
Rx OOF
Reserved
Framing On
Parity
FSync
Algo
MSync
Algo
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com