Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 106 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 106 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 102Page - Exar Corporation XRT72L13 Datasheet HTML 103Page - Exar Corporation XRT72L13 Datasheet HTML 104Page - Exar Corporation XRT72L13 Datasheet HTML 105Page - Exar Corporation XRT72L13 Datasheet HTML 106Page - Exar Corporation XRT72L13 Datasheet HTML 107Page - Exar Corporation XRT72L13 Datasheet HTML 108Page - Exar Corporation XRT72L13 Datasheet HTML 109Page - Exar Corporation XRT72L13 Datasheet HTML 110Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
94
2.3.2.17 RxDS3 Interrupt Enable Register
Bit 7 - Detection of CP-Bit Error Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Detection of CP-Bit Error” interrupt.
Setting this bit-field to “0” disables the “Detection of
CP-Bit Error” Interrupt.
Setting this bit-field to “1” enables the “Detection of
CP-Bit Error” Interrupt.
Bit 6 - Change in LOS Condition Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in LOS Condition” Interrupt.
Setting this bit-field to “0” disables the “Change in
LOS Condition” Interrupt.
Setting this bit-field to “1” enables the “Change in
LOS Condition” Interrupt.
Bit 5 - Change in AIS Condition Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in AIS Condition” Interrupt.
Setting this bit-field to “0” disables the “Change in AIS
Condition” interrupt.
Setting this bit-field to “1” enables the “Change in AIS
Condition” Interrupt.
Bit 4 - Change in Idle Pattern Condition Interrupt
Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in Idle Pattern Condition” in-
terrupt.
Setting this bit-field to “0” disables the “Change in Idle
Pattern Condition” interrupt.
Setting this bit-field to “1” enables the “Change in Idle
Pattern Condition” interrupt.
Bit 3 - Change in FERF Condition Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in FERF Condition” Interrupt.
Setting this bit-field to “0” disables the “Change in
FERF Condition” Interrupt.
Setting this bit-field to “1” enables the “Change in
FERF Condition” Interrupt.
Bit 2 - Change in AIC State Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in AIC State” Interrupt.
Setting this bit-field to “0” disables the “Change in AIC
State” Interrupt.
Setting this bit-field to “1” enables the “Change in AIC
State” Interrupt.
Bit 1 - Change in OOF Condition Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Change in OOF Condition” Interrupt.
Setting this bit-field to “0” disables the “Change in
OOF Condition” Interrupt.
Setting this bit-field to “1” enables the “Change in
OOF Condition” Interrupt.
Bit 0 - Detection of P-Bit Error Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “Detection of P-Bit Error” Interrupt.
Setting this bit-field to “0” disables the “Detection of
P-Bit Error” Interrupt.
Setting this bit-field to “1” enables the “Detection of P-
Bit Error” Interrupt.
RX DS3 INTERRUPT ENABLE REGISTER (ADDRESS = 0X12)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Detection
of CP-Bit
Error
Interrupt
Enable
Change in
LOS
Condition
Interrupt
Enable
Change in
AIS
Condition
Interrupt
Enable
Change in
Idle Pattern
Interrupt
Enable
Change in
FERF
Condition
Interrupt
Enable
Change in
AIC
State
Interrupt
Enable
Change in
OOF
Condition
Interrupt
Enable
Detection
of P-Bit
Error
Interrupt
Enable
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com