Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 110 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 110 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 106Page - Exar Corporation XRT72L13 Datasheet HTML 107Page - Exar Corporation XRT72L13 Datasheet HTML 108Page - Exar Corporation XRT72L13 Datasheet HTML 109Page - Exar Corporation XRT72L13 Datasheet HTML 110Page - Exar Corporation XRT72L13 Datasheet HTML 111Page - Exar Corporation XRT72L13 Datasheet HTML 112Page - Exar Corporation XRT72L13 Datasheet HTML 113Page - Exar Corporation XRT72L13 Datasheet HTML 114Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
98
received and the PMDL message has been extracted
and written into the "Receive LAPD Message" buffer.
Writing a "0" to this bit-field disables this interrupt (the
default condition). Writing a "1" to this bit-field en-
ables this interrupt.
Bit 0 RxLAPD (Message Reception Complete) In-
terrupt Status
This "Read-Only" bit field indicates whether or not the
"LAPD Message Reception Complete" interrupt has
occurred since the last read of this register. The
"LAPD Message Reception Complete" interrupt will
occur once the LAPD Receiver has received the last
bit of a complete LAPD Message frame, extracted the
PMDL message from this LAPD Message frame and
has written this (PMDL) message frame into the "Re-
ceive LAPD Message" buffer. The purpose of this in-
terrupt is to notify the local µP that the "Receive
LAPD Message" buffer contains a new PMDL mes-
sage, that needs to be read and/or processed.
A "0" in this bit-field indicates that the "LAPD Mes-
sage Reception Complete" interrupt has NOT oc-
curred since the last read of this register. A "1" in this
bit-field indicates that the "LAPD Message Reception
Complete" interrupt has occurred since the last read
of this register.
NOTE: For more information on the LAPD Receiver, please
see Section _.
2.3.2.23 RxDS3 LAPD Status Register
Bit 6 - RxAbort (Receive Abort Sequence)
This "Read-Only" bit-field indicates whether or not the
LAPD Receiver has detected the occurrence of an
"Abort Sequence" (e.g., a string of seven or more
consecutive "1s") from the "far-end" LAPD Transmit-
ter. A "0" in this bit-field indicates that no "Abort-Se-
quence" has been detected. A "1" in this bit-field indi-
cates that the "Abort-Sequence" has been detected.
NOTE: For more information on the LAPD Receiver, please
see Section _.
Bits, 5 and 4 - RxLAPDType[1, 0]
These two "Read Only" bit-fields combine to indicate
the "type" of LAPD Message frame that has been re-
ceived by the LAPD Receiver. The relationship be-
tween these two bit-fields and the LAPD Message
Type follows:
Bit 3 - RxCR (Command/Response) Type
This "Read Only" bit field indicates the value of the C/
R (Command/Response) bit-field of the latest re-
ceived LAPD Message.
Bit 2 - Rx FCS (Frame Check Sequence) Error
This "Read-Only" bit-field indicates whether or not the
LAPD Receiver has detected a "Frame Check Se-
quence" (FCS) error in the newly received LAPD
Message Frame. A "0" in this bit-field indicates that
the FCS for the latest received LAPD Message Frame
is correct. A "1" in this bit-field indicates that the FCS
for the latest received LAPD Message Frame is incor-
rect.
NOTE: For more information on the LAPD Receiver, please
see Section _.
Bit 1 - End Of Message
This "Read-Only" bit-field indicates whether or not the
LAPD Receiver has completed its reception of the lat-
est incoming LAPD Message frame. The local µP
can poll the progress of the LAPD Receiver by peri-
odically reading this bit-field.
A "0" in this bit-field indicates that the LAPD Receiver
is still receiving the latest message from the "far end"
LAPD Transmitter. A "1" in this bit-field indicates that
the LAPD Receiver has finished receiving the com-
plete LAPD Message Frame.
RXDS3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
RxAbort
RxLAPDType[1:0}
RxCR Type
RxFCS Error
End of
Message
Flag Present
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000
BIT 5BIT 4MESSAGE TYPE
MESSAGE LENGTH
Test Signal Identification
76 Bytes
0
1
Idle Signal Identification
76 Bytes
CL Path Identification
76 Bytes
ITU-T Path Identification
82 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com