Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 113 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 113 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 109Page - Exar Corporation XRT72L13 Datasheet HTML 110Page - Exar Corporation XRT72L13 Datasheet HTML 111Page - Exar Corporation XRT72L13 Datasheet HTML 112Page - Exar Corporation XRT72L13 Datasheet HTML 113Page - Exar Corporation XRT72L13 Datasheet HTML 114Page - Exar Corporation XRT72L13 Datasheet HTML 115Page - Exar Corporation XRT72L13 Datasheet HTML 116Page - Exar Corporation XRT72L13 Datasheet HTML 117Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
101
Bit 7 - Reserved
This bit-field must be set to “0”, in order for the
XRT72L13 M13 device to function properly.
Bit 6 - Reserved
This bit-field must be set to “0” in order for the
XRT72L13 M13 device to function properly.
Bit 5 - M12 Bypass
This “Read/Write” bit field permits the user to bypass
M12 Multiplexer/De-Multiplexer # 3. By doing this the
following will happen.
In the Transmit Direction
• The XRT72L13 M13 device will accept a DS2 clock
signal (6.312MHz) via the TxDS1Clk11 input pin.
• The XRT72L13 M13 device will accept a DS2 sig-
nal via the TxDS1Data_11 input pin
In the Receive Direction
• The XRT72L13 M13 device will output a DS2 clock
signal (6.312MHz) via the RxDS1Clk11 output pin.
• XRT72L13 M13 device will output the contents of
DS2 Channel # 2 via the RxDS1Data11 output pin.
Setting this bit-field to “1” configures M12 MUX # 3
and M12 DEMUX # 3 to be bypassed.
Setting this bit-field to “0” enables M12 MUX # 3 and
M12 DEMUX # 3.
Bit 4 - M12 G.747
This “Read/Write” bit-field permits the user to config-
ure M12 MUX # 3 and DEMUX # 3 to support either a
DS2 signal or an ITU-T G.747 signal.
Setting this bit-field to “0” configures M12 # 3 to sup-
port DS2. In this mode, the M12 MUX will accept four
DS1 signals (via TxDS1Data8 thru TXDS1Data11)
and will muitiplex these signals into a DS2 signal.
Likewise, the M12 DEMUX will accept an incoming
DS2 signal (from the M23 DEMUX) and will de-multi-
plex this signal into 4 DS1 signals. These four DS1
signals will be output via the “RxDS1Data8” thru
“RxDS1Data11” output pins.
Setting this bit-field to “1” configures M12 # 3 to sup-
port ITU-T G.747. In this mode, the M12 MUX will ac-
cept 3 E1 signals (via TxDS1Data8 thru
TxDS1Data10) and will multiplex these signals into
an ITU-T G.747 signal. Likewise, the M12 DEMUX
will accept an incoming ITU-T G.747 signal (from the
M23 DEMUX) and will de-multiplexe this signal into 3
E1 signals. These three E1 signals will output via the
“RxDS1Data8” thru “RxDS1Data10” output pins.
Bit 3 - M12G.747 Reserved
Bit 2 - M12 FERF
This “Read/Write” bit-field permits the user to force
M12 MUX # 3 to transmit a “FERF” (Far-End-Receive
Failure) indicator to the M23 MUX (and in turn to the
remote terminal equipment).
Setting this bit-field to “1” configures the M12 MUX to
set the “X-bits” (within the “outbound” DS2 data
stream) to “0”. This signaling will be interpreted (by
the remote terminal equipment) as a FERF indicator.
Settiing this bit-field to “0” configures the M12 MUX to
set the “X-bits” (within the “outbound” DS2 data
stream) to “1”. This signaling will be interpreted (by
the remote terminal equipment) as an indication of no
FERF.
Bits 1 and 0 M12 LB Code[1:0]
2.3.2.27 M12 DS2 # 4 Configuration Register )
Bit 7 - Reserved
This bit-field must be set to “0”, in order for the
XRT72L13 M13 device to function properly.
Bit 6 - Reserved
This bit-field must be set to “0” in order for the
XRT72L13 M13 device to function properly.
Bit 5 - M12 Bypass
This “Read/Write” bit field permits the user to bypass
M12 Multiplexer/De-Multiplexer # 4. By doing this the
following will happen.
In the Transmit Direction
• The XRT72L13 M13 device will accept a DS2 clock
signal (6.312MHz) via the TxDS1Clk15 input pin.
• The XRT72L13 M13 device will accept a DS2 sig-
nal via the TxDS1Data_15 input pin
M12 DS2 # 4 CONFIGURATION REGISTER (ADDRESS = 0X1D)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Reserved
7
Reserved
6
M12
Bypass
M12
G.747
M12
G.747 Res
M12 FERF
M12LBCode[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com