Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 97Page - National Semiconductor (TI) DP8344 Datasheet HTML 98Page - National Semiconductor (TI) DP8344 Datasheet HTML 99Page - National Semiconductor (TI) DP8344 Datasheet HTML 100Page - National Semiconductor (TI) DP8344 Datasheet HTML 101Page - National Semiconductor (TI) DP8344 Datasheet HTML 102Page - National Semiconductor (TI) DP8344 Datasheet HTML 103Page - National Semiconductor (TI) DP8344 Datasheet HTML 104Page - National Semiconductor (TI) DP8344 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-5 Instruction Memory Read Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tACC-I
1
Instruction Memory Read Time
(nIWa1)TaTLab19
ns
tH-IA-I
2
IA Invalid to I Invalid
0
ns
tPD-ICLK-IA
3
ICLK Rising to IA Invalid
THab13
ns
tPD-IA-ICLK
4
Next IA Valid before ICLK Falling
TLa
b
12
ns
tPD-IAz-ICLK
IA Invalid before ICLK Falling
17
ns
tSU-I-ICLK
5
I Valid before ICLK Rising
20
ns
tH-I-ICLK
6
I Invalid before ICLK Falling
TLa
0ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
TLF9336 – A9
(a) Instruction Memory Read Timing
TLF9336 – 54
(b) Instruction ICLK Timing
FIGURE 5-5 Instruction Memory Timing
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com