Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 104Page - National Semiconductor (TI) DP8344 Datasheet HTML 105Page - National Semiconductor (TI) DP8344 Datasheet HTML 106Page - National Semiconductor (TI) DP8344 Datasheet HTML 107Page - National Semiconductor (TI) DP8344 Datasheet HTML 108Page - National Semiconductor (TI) DP8344 Datasheet HTML 109Page - National Semiconductor (TI) DP8344 Datasheet HTML 110Page - National Semiconductor (TI) DP8344 Datasheet HTML 111Page - National Semiconductor (TI) DP8344 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 184 page
background image
TABLE 5-11 Buffered Read of PC RIC (Note 1)
50 Device Specifications (Continued)
TABLE 5-11 Buffered Read of PC RIC (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRR-CO
1
RAE REM-RD Falling before CLK-OUT Rising
22
tH-RRR-X
2
RAE REM-RD Rising after XACK Rising (Note 2)
0
ns
2Tab34
ns
tSU-CMD-RRR
3
CMD Valid before RAE REM-RD Falling
0
ns
tH-CMD-RRR
4
CMD Invalid after RAE REM-RD Falling
Ta
26
ns
tPD-RRR-X
5
RAE REM-RD Falling to XACK Falling
26
ns
tPD-X-LCL
6
XACK Falling to LCL Rising
(nLWa1)Tab5ns
tPD-LCL-X
7
LCL Rising to XACK Rising
2Tab10
8
ns
tPD-RRR-LCL
8
RAE REM-RD Rising to LCL Falling
3
ns
tAZ-A-LCL
9
A Disabled before LCL Rising
TLab18
ns
tZA-LCL-A
10
A Enabled after LCL Falling
THa
15
ns
tPD-LCL-PC
11
LCL Rising to AD (PC) Valid
Ta
22
ns
tPD-PC-X
12
AD (PC RIC) Valid before XACK Rising
Tab24
ns
tPD-PC-RRR
13
RAE REM-RD Rising to AD (PC) Invalid
6
ns
tW-PC
14
AD (PC RIC) Valid Time
Tab2ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
The maximum value for this parameter is the latest RAE REM-RD can be removed without adding a T-state to the remote access
TLF9336 – 65
FIGURE 5-11 Buffered Read of PC RIC
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com