Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 119Page - National Semiconductor (TI) DP8344 Datasheet HTML 120Page - National Semiconductor (TI) DP8344 Datasheet HTML 121Page - National Semiconductor (TI) DP8344 Datasheet HTML 122Page - National Semiconductor (TI) DP8344 Datasheet HTML 123Page - National Semiconductor (TI) DP8344 Datasheet HTML 124Page - National Semiconductor (TI) DP8344 Datasheet HTML 125Page - National Semiconductor (TI) DP8344 Datasheet HTML 126Page - National Semiconductor (TI) DP8344 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-24 Latched Write of DMEM (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRW-CO
1
RAE REM-WR Falling before CLK-OUT Rising
24
ns
tH-RRW-CO
2
RAE REM-WR Rising after CLK-OUT Rising (Note 2)
THa
6ns
Tab20
ns
tH-RRW-X
3
RAE REM-WR Rising after XACK Rising
0
ns
tSU-CMD-RRW
4
CMD Valid before RAE REM-WR Falling
0
ns
tH-CMD-RRW
5
CMD Invalid after RAE REM-WR Falling
Ta
26
ns
tPD-RRW-X
6
RAE REM-WR Falling to XACK Falling
26
ns
tPD-LCL-WR
7
LCL Rising to WRITE Falling
Tab5ns
tPD-WR-LCL
8
WRITE Rising to LCL Falling
Tab11
ns
tAZ-AAD-LCL
9
A AD Disabled before LCL Rising
TLab20
ns
tZA-LCL-AAD
10
A AD Enabled after LCL Falling
THab10
ns
tW-WR
11
WRITE Low Time
(nDWa1)Tab10
ns
tPD-RRW-WPND
12
RAE REM-WR Rising to WR-PEND Falling
5
ns
Ta
34
ns
tSU-CMD-WPND
13
CMD Valid before WR-PEND Rising
16
ns
tH-CMD-WPND
14
CMD Invalid after WR-PEND Rising
4
ns
tSU-RRWr-CO
15
RAE REM-WR Rising before CLK-OUT Rising
20
ns
tPD-X-WPND
16
XACK Rising to WR-PEND Rising
13
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
The maximum value for this parameter is the latest RAE REM-WR can be removed without delaying the remote access by one T-state
TLF9336 – 78
FIGURE 5-24 Latched Write of DMEM
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com