Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 158 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 158 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 154Page - SMSC Corporation FDC37M607 Datasheet HTML 155Page - SMSC Corporation FDC37M607 Datasheet HTML 156Page - SMSC Corporation FDC37M607 Datasheet HTML 157Page - SMSC Corporation FDC37M607 Datasheet HTML 158Page - SMSC Corporation FDC37M607 Datasheet HTML 159Page - SMSC Corporation FDC37M607 Datasheet HTML 160Page - SMSC Corporation FDC37M607 Datasheet HTML 161Page - SMSC Corporation FDC37M607 Datasheet HTML 162Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 182 page
background image
158
FIGURE 8A - DMA TIMING (SINGLE TRANSFER MODE)
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
nDACK Delay Time from FDRQ High
0
ns
t2
DRQ Reset Delay from nIOR or nIOW
100
ns
t3
FDRQ Reset Delay from nDACK Low
100
ns
t4
nDACK Width
150
ns
t5
nIOR Delay from FDRQ High
0
ns
t6
nIOW Delay from FDRQ High
0
ns
t7
Data Access Time from nIOR Low
100
ns
t8
Data Set Up Time to nIOW High
40
ns
t9
Data to Float Delay from nIOR High
10
60
ns
t10
Data Hold Time from nIOW High
10
ns
t11
nDACK Set Up to nIOW/nIOR Low
5
ns
t12
nDACK Hold after nIOW/nIOR High
10
ns
t13
TC Pulse Width
60
ns
t14
AEN Set Up to nIOR/nIOW
40
ns
t15
AEN Hold from nDACK
10
ns
t16
TC Active to PDRQ Inactive
100
ns
t15
t2
t3
t12
t16
t1
t4
t5
t6
t11
t14
t8
t7
t9
t10
t13
AEN
FDRQ,
PDRQ
nDACK
nIOR
or
nIOW
DATA
(DO-D7)
TC
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com