Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 155 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 155 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 151Page - SMSC Corporation FDC37M607 Datasheet HTML 152Page - SMSC Corporation FDC37M607 Datasheet HTML 153Page - SMSC Corporation FDC37M607 Datasheet HTML 154Page - SMSC Corporation FDC37M607 Datasheet HTML 155Page - SMSC Corporation FDC37M607 Datasheet HTML 156Page - SMSC Corporation FDC37M607 Datasheet HTML 157Page - SMSC Corporation FDC37M607 Datasheet HTML 158Page - SMSC Corporation FDC37M607 Datasheet HTML 159Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 182 page
background image
155
ISA READ TIMING
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
SA[x], nCS and AEN valid to nIOR asserted
10
ns
t2
nIOR asserted to nIOR deasserted
50
ns
t3
nIOR asserted to SA[x], nCS invalid
10
ns
t4
nIOR asserted to Data Valid
50
ns
t5
Data Hold/float from nIOR deasserted
10
25
ns
t6
nIOR deasserted
25
ns
t8
nIOR asserted after nIOW deasserted
80
ns
t8
nIOR/nIOR, nIOW/nIOW transfers from/to ECP FIFO
150
ns
t7
Parallel Port setup to nIOR asserted
20
ns
t9
nIOR asserted to PINTER deasserted
55
ns
t10
nIOR deasserted to FINTER deasserted
260
ns
t11
nIOR deasserted to PCOBF deasserted (Notes 3,5)
80
ns
t12
nIOR deasserted to AUXOBF1 deasserted (Notes 4,5)
80
ns
t13
nIOW deasserted to AEN invalid
10
ns
Note 1: FINTR refers to the IRQ used by the floppy disk.
Note 2: PINTR refers to the IRQ used by the parallel port.
Note 3: PCOBF is used for the Keyboard IRQ.
Note 4: AUXOBF1 is used for the Mouse IRQ.
Note 5: Applies only if deassertion is performed in hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com