Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 153 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 153 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 149Page - SMSC Corporation FDC37M607 Datasheet HTML 150Page - SMSC Corporation FDC37M607 Datasheet HTML 151Page - SMSC Corporation FDC37M607 Datasheet HTML 152Page - SMSC Corporation FDC37M607 Datasheet HTML 153Page - SMSC Corporation FDC37M607 Datasheet HTML 154Page - SMSC Corporation FDC37M607 Datasheet HTML 155Page - SMSC Corporation FDC37M607 Datasheet HTML 156Page - SMSC Corporation FDC37M607 Datasheet HTML 157Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 182 page
background image
153
FIGURE 4 - ISA WRITE
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
SA[x], nCS and AEN valid to nIOW asserted
10
ns
t2
nIOW asserted to nIOW deasserted
80
ns
t3
nIOW asserted to SA[x], nCS invalid
10
ns
t4
SD[x] Valid to nIOW deasserted
45
ns
t5
SD[x] Hold from nIOW deasserted
0
ns
t6
nIOW deasserted to nIOW asserted
25
ns
t7
nIOW deasserted to FINTR deasserted (Note 1)
55
ns
t8
nIOW deasserted to PINTER deasserted (Note 2)
260
ns
t9
IBF (internal signal) asserted from nIOW deasserted
40
ns
t10
nIOW deasserted to AEN invalid
10
ns
Note 1: FINTR refers to the IRQ used by the floppy disk.
Note 2: PINTR refers to the IRQ used by the parallel port
t10
t3
t1
t2
t4
t6
t5
t8
t9
DATA VALID
AEN
SA[x], nCS
nIOW
SD[x]
FINTR
PINTR
IBF
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com