Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 149 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 149 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 145Page - SMSC Corporation FDC37M607 Datasheet HTML 146Page - SMSC Corporation FDC37M607 Datasheet HTML 147Page - SMSC Corporation FDC37M607 Datasheet HTML 148Page - SMSC Corporation FDC37M607 Datasheet HTML 149Page - SMSC Corporation FDC37M607 Datasheet HTML 150Page - SMSC Corporation FDC37M607 Datasheet HTML 151Page - SMSC Corporation FDC37M607 Datasheet HTML 152Page - SMSC Corporation FDC37M607 Datasheet HTML 153Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 182 page
background image
149
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Backdrive
(PD0-PD7)
IIL
± 10
µA
VCC = 0V
VIN = 6V Max
Suppy Current Active
ICCI
4.5
70
90
mA
All outputs open.
Note 1: All output leakages are measured with the current pins in high impedance
Note 2: Output leakage is measured with the low driving output off, either for a high level output or a
high impedance state.
Note 3: KBCLK, KBDATA, MCLK, MDATA contain 90
µA min pull-ups.
CAPACITANCE TA = 25
°C; fc = 1MHz; VCC = 5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
CIN
20
pF
All pins except pin
under test tied to AC
ground
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com