Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 147 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 147 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 143Page - SMSC Corporation FDC37M607 Datasheet HTML 144Page - SMSC Corporation FDC37M607 Datasheet HTML 145Page - SMSC Corporation FDC37M607 Datasheet HTML 146Page - SMSC Corporation FDC37M607 Datasheet HTML 147Page - SMSC Corporation FDC37M607 Datasheet HTML 148Page - SMSC Corporation FDC37M607 Datasheet HTML 149Page - SMSC Corporation FDC37M607 Datasheet HTML 150Page - SMSC Corporation FDC37M607 Datasheet HTML 151Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 182 page
background image
147
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
Input Leakage
(All I and IS buffers)
Low Input Leakage
High Input Leakage
IIL
IIH
-10
-10
+10
+10
µA
µA
VIN = 0
VIN = VCC
O4 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 4 mA
IOH = -2 mA
VIN = 0 to VCC
(Note 1)
O8SR Type Buffer
Low Output Level
High Output Level
Output Leakage
Rise Time
Fall Time
VOL
VOH
IOL
TRT
TFL
2.4
-10
5
5
0.4
+10
V
V
µA
ns
ns
IOL = 8 mA
IOH = -8 mA
VIN = 0 to VCC
(Note 1)
O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24 mA
IOH = -12 mA
VIN = 0 to VCC
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com