Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 148 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 148 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 144Page - SMSC Corporation FDC37M607 Datasheet HTML 145Page - SMSC Corporation FDC37M607 Datasheet HTML 146Page - SMSC Corporation FDC37M607 Datasheet HTML 147Page - SMSC Corporation FDC37M607 Datasheet HTML 148Page - SMSC Corporation FDC37M607 Datasheet HTML 149Page - SMSC Corporation FDC37M607 Datasheet HTML 150Page - SMSC Corporation FDC37M607 Datasheet HTML 151Page - SMSC Corporation FDC37M607 Datasheet HTML 152Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 182 page
background image
148
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O16SR Type Buffer
Low Output Level
High Output Level
Output Leakage
Rise Time
Fall Time
VOL
VOH
IOL
TRT
TFL
2.4
-10
5
5
0.4
+10
V
V
µA
ns
ns
IOL = 16 mA
IOH = -16 mA
VIN = 0 to VCC
(Note 1)
OD16P Type Buffer
Low Output Level
Output Leakage
VOL
IOL
-10
0.4
+10
V
µA
IOL = 16 mA
IOH = 90
µA
VIN = 0 to VCC
(Note 1)
OD24 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
0.4
+10
V
µA
IOL = 24 mA
VIN = 0 to VCC
(Note 1)
OD48 Type Buffer
Low Output Level
Output Leakage
VOL
IOL
0.4
+10
V
µA
IOL = 48 mA
VIN = 0 to VCC
(Note 1)
OCLK2 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
3.5
-10
0.4
+10
V
V
µA
IOL = 2 mA
IOH = -2 mA
VIN = 0 to VCC
(Note 1)
ChiProtect
(SLCT, PE, BUSY, nACK, nERROR)
IIL
± 10
µA
VCC = 0V
VIN = 6V Max
Backdrive
(nSTROBE, nAUTOFD, nINIT,
nSLCTIN)
IIL
± 10
µA
VCC = 0V
VIN = 6V Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com