Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 146 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 146 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 142Page - SMSC Corporation FDC37M607 Datasheet HTML 143Page - SMSC Corporation FDC37M607 Datasheet HTML 144Page - SMSC Corporation FDC37M607 Datasheet HTML 145Page - SMSC Corporation FDC37M607 Datasheet HTML 146Page - SMSC Corporation FDC37M607 Datasheet HTML 147Page - SMSC Corporation FDC37M607 Datasheet HTML 148Page - SMSC Corporation FDC37M607 Datasheet HTML 149Page - SMSC Corporation FDC37M607 Datasheet HTML 150Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 182 page
background image
146
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range......................................................................................... 0
oC to +70oC
Storage Temperature Range..........................................................................................-55
o to +150oC
Lead Temperature Range (soldering, 10 seconds) .................................................................... +325
oC
Positive Voltage on any pin, with respect to Ground ................................................................Vcc+0.3V
Negative Voltage on any pin, with respect to Ground.................................................................... -0.3V
Maximum Vcc................................................................................................................................. +7V
*Stresses above those listed above could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated in the
operation sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit
voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage
transients on the AC power line may appear on the DC output. If this possibility exists, it is suggested
that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS
(TA = 0
°C - 70°C, Vcc = +5 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
VILI
VIHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
VILIS
VIHIS
VHYS
2.2
250
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
ICLK Input Buffer
Low Input Level
High Input Level
VILCK
VIHCK
2.2
0.4
V
V
ICLK2 Input Buffer
Input Level
500
mV
V P - P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com