Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 142 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 142 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 138Page - SMSC Corporation FDC37M607 Datasheet HTML 139Page - SMSC Corporation FDC37M607 Datasheet HTML 140Page - SMSC Corporation FDC37M607 Datasheet HTML 141Page - SMSC Corporation FDC37M607 Datasheet HTML 142Page - SMSC Corporation FDC37M607 Datasheet HTML 143Page - SMSC Corporation FDC37M607 Datasheet HTML 144Page - SMSC Corporation FDC37M607 Datasheet HTML 145Page - SMSC Corporation FDC37M607 Datasheet HTML 146Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 182 page
background image
142
Table 63 - KYBD, Logical Device 7 [Logical Device Number = 0x07]
NAME
REG INDEX
DEFINITION
STATE
KRST_GA20
Default = 0x00
on Vcc POR or
Reset_Drv
0xF0
R/W
KRESET and GateA20 Select
Bit[7] Polarity Select for P12
= 0 P12 active low (default)
= 1 P12 active high
Bits[6:3] Reserved
Bit[2] Port 92 Select
= 0 Port 92 Disabled
= 1 Port 92 Enabled
Bit[1] Reserved
Bit[0] Reserved
0xF1 -
0xFF
Reserved - read as ‘0’
Table 64 - Auxilliary I/O, Logical Device 8 [Logical Device Number = 0x08]
NAME
REG
INDEX
DEFINITION
STATE
Default = 0x00
on VTR POR
0xB8 R/W
Bits[7:0] Reserved
C
Pin Multiplex
Controls
Default = 0x06 on
Vcc POR
0xC0
Bit[0] IR Mode Select
Bit[1] DMA 3 Select
Bit[2] Reserved, read as “1”
Bit[3] 8042 Select
Bit[4] Reserved
Bit[5:7] Reserved
Force Disk Change
Default = 0x03 on
Vcc POR
0xC1
(R/W)
Bit[0] Force Change 0
Bit[1] Force Change 1
Bit[7:2] Reserved
Force Change[1:0] can be written to 1 but are not
clearable by software.
Force Change 1 is cleared on nSTEP and nDS1
Force Change 0 is cleared on nSTEP and nDS0
DSKCHG (FDC DIR Register, Bit 7) = (nDS0 AND
Force Change 0) OR (nDS1 AND Force Change 1)
OR nDSKCHG
C,R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com