Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 138 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 138 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 134Page - SMSC Corporation FDC37M607 Datasheet HTML 135Page - SMSC Corporation FDC37M607 Datasheet HTML 136Page - SMSC Corporation FDC37M607 Datasheet HTML 137Page - SMSC Corporation FDC37M607 Datasheet HTML 138Page - SMSC Corporation FDC37M607 Datasheet HTML 139Page - SMSC Corporation FDC37M607 Datasheet HTML 140Page - SMSC Corporation FDC37M607 Datasheet HTML 141Page - SMSC Corporation FDC37M607 Datasheet HTML 142Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 182 page
background image
138
Table 59 - Floppy Disk Controller, Logical Device 0 [Logical Device Number = 0x00]
NAME
REG INDEX
DEFINITION
STATE
FDD Option
Register
Default = 0x00
on Vcc POR or
Reset_Drv
0xF1 R/W
Bits[1:0] Reserved, set to zero
Bits[3:2] Density Select
= 00
Normal (default)
= 01
Normal (reserved for users)
= 10
1 (forced to logic "1")
= 11
0 (forced to logic "0")
Bit[4] Media ID 0 Polarity
= 0: Don’t invert (default)
= 1: Invert
Bit[5] Media ID 1 Polarity
= 0: Don’t invert (default)
= 1: Invert
Bits[7:6] Boot Floppy
= 00
FDD 0 (default)
= 01
FDD 1
= 10
Reserved (neither drive A or B is a boot
drive).
= 11
Reserved (neither drive A or B is a boot
drive).
C
FDD Type Register
Default = 0xFF
on Vcc POR or
Reset_Drv
0xF2 R/W
Bits[1:0] Floppy Drive A Type
Bits[3:2] Floppy Drive B Type
Bits[5:4] Reserved (could be used to store Floppy
Drive C type)
Bits[7:6] Reserved (could be used to store Floppy
Drive D type)
Note: The FDC37M60x supports two floppy drives
C
0xF3 R
Reserved, Read as 0 (read only)
C
FDD0
Default = 0x00
on Vcc POR or
Reset_Drv
0xF4 R/W
Bits[1:0] Drive Type Select: DT1, DT0
Bits[2]
Read as 0 (read only)
Bits[4:3] Data Rate Table Select: DRT1, DRT0
Bits[5]
Read as 0 (read only)
Bits[6]
Precompensation Disable PTS
=0 Use Precompensation
=1 No Precompensation
Bits[7]
Read as 0 (read only)
C
FDD1
0xF5 R/W
Refer to definition and default for 0xF4
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com