Electronic Components Datasheet Search
  English  ▼

X  

FDC37M607 Datasheet(PDF) 141 Page - SMSC Corporation

Part # FDC37M607
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M607 Datasheet(HTML) 141 Page - SMSC Corporation

Back Button FDC37M607 Datasheet HTML 137Page - SMSC Corporation FDC37M607 Datasheet HTML 138Page - SMSC Corporation FDC37M607 Datasheet HTML 139Page - SMSC Corporation FDC37M607 Datasheet HTML 140Page - SMSC Corporation FDC37M607 Datasheet HTML 141Page - SMSC Corporation FDC37M607 Datasheet HTML 142Page - SMSC Corporation FDC37M607 Datasheet HTML 143Page - SMSC Corporation FDC37M607 Datasheet HTML 144Page - SMSC Corporation FDC37M607 Datasheet HTML 145Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 182 page
background image
141
Table 62 - Serial Port 2, Logical Device 5 [Logical Device Number = 0x05]
NAME
REG INDEX
DEFINITION
STATE
IR Option Register
Default = 0x02
on Vcc POR or
Reset_Drv
0xF1 R/W
Bit[0] Receive Polarity
= 0 Active High (Default)
= 1 Active Low
Bit[1] Transmit Polarity
= 0 Active High
= 1 Active Low (Default)
Bit[2] Duplex Select
= 0 Full Duplex (Default)
= 1 Half Duplex
Bits[5:3] IR Mode
= 000
Standard (Default)
= 001
IrDA
= 010
ASK-IR
= 011
Reserved
= 1xx
Reserved
Bit[6] IR Location Mux
= 0 Use Serial port TX2 and RX2 (Default)
= 1 Use alternate IRRX (pin 61) and IRTX (pin 62)
Bit[7] Reserved, write 0.
C
IR Half Duplex
Timeout
Default = 0x03
on Vcc POR or
Reset_Drv
0xF2
Bits [7:0]
These bits set the half duplex time-out for the IR port.
This value is 0 to 10msec in 100usec increments.
0= blank during transmit/receive
1= blank during transmit/receive + 100usec
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com